データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KD-D4N-103 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 KD-D4N-103
部品情報  RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

KD-D4N-103 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  KD-D4N-103 Datasheet HTML 1Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 2Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 3Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 4Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 5Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 6Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 7Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 8Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Application notes
N°101
DERATING OF CONTACTS FOR DC VOLTAGES
ABOVE NOMINAL RATING
To establish a standard for the derating of relay contacts is, at best, a subjective practice. Limitations are governed by the type
of relay, contact gap, maximum voltage capabilities of the relay contact system, and the contact material.
The most common method is to derate the contacts by use of the Power Formula, using the known current and voltage.
This method is valid only for Resistive Loads, and is an approximation only; keeping in mind the limitations mentioned above.
Power = IE (Current x Voltage)
I2 E2 = 2/3 I1E1
Example:
A designer is working with a 55 volt DC system and has a relay rated at 10 amps resistive at 28 volts DC.
What is the maximum current that can be switched at 55 Vdc.
I1 = 10 Amperes
E1 = 28 VDC
E2 = 55 VDC
I2 = ? (Current ratings at 55 VDC Resistive)
I2 E2 = 2 I1 E1/3
I2 = 2 I1 E1/E23
= 2 (10 x 28)/55 x 3
= 560/165
I2 = 3.4 Amperes at 55VDC
In addition, the user should always be concerned about the following:
1. Derating contacts that are rated for less than 10 Amperes at nominal voltage.
2. Derating contacts for use in system voltages above 130 Volts DC
Date of issue: 6/00
- 14 -
Page 1 of 1


同様の部品番号 - KD-D4N-103

メーカー部品番号データシート部品情報
logo
Leach International Cor...
KD-D4N LEACH-KD-D4N Datasheet
640Kb / 5P
   RELAY – NONLATCH 3PST/NOAUX, 25 AMP
More results

同様の説明 - KD-D4N-103

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
9339 LEACH-9339 Datasheet
505Kb / 5P
   RELAY – NONLATCH 25 AMP, 3PST/NO AUX
KDA LEACH-KDA Datasheet
384Kb / 5P
   RELAY – NONLATCH 3PST/NO AUX, 25 AMP
KD-A4A LEACH-KD-A4A Datasheet
640Kb / 5P
   RELAY – NONLATCH 3PST/NOAUX, 25 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
   RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
   RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
9324 LEACH-9324 Datasheet
484Kb / 4P
   RELAY NONLATCH 3PST/NO, 25 AMP
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com