データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADMCF328BN データシート(PDF) 3 Page - Analog Devices

部品番号 ADMCF328BN
部品情報  28-Lead Flash Memory DSP Motor Controller with Current Sense
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADMCF328BN データシート(HTML) 3 Page - Analog Devices

  ADMCF328BN Datasheet HTML 1Page - Analog Devices ADMCF328BN Datasheet HTML 2Page - Analog Devices ADMCF328BN Datasheet HTML 3Page - Analog Devices ADMCF328BN Datasheet HTML 4Page - Analog Devices ADMCF328BN Datasheet HTML 5Page - Analog Devices ADMCF328BN Datasheet HTML 6Page - Analog Devices ADMCF328BN Datasheet HTML 7Page - Analog Devices ADMCF328BN Datasheet HTML 8Page - Analog Devices ADMCF328BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
–3–
REV. A
ADMCF328
VOLTAGE REFERENCE
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Voltage Level (VREF)2.40
2.50
2.60
V
2.45
2.50
2.55
V
TA = 25
°C to 85°C SOIC
Output Voltage Drift
35
ppm/
°C
Specifications subject to change without notice.
ISENSE Amplifier–TRIP
Parameter
Min
Typ
Max
Unit
Conditions/Comments
ISENSE Gain
–5.7
–5.1
–4.7
VIN = –0.4 V to 0.0 V
ISENSE Current
–320
+10
µAV
IN = –0.4 V to VDD – 1.0 V
ISENSE Input Offset Voltage
80
160
240
mV
Trip Voltage (VTRIP)
–0.70
–0.57
–0.45
V
Specifications subject to change without notice.
POWER-ON RESET
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Reset Threshold (VRST)
3.2
3.7
4.2
V
Hysteresis (VHYST)
100
mV
Reset Active Timeout Period (
tRST)
3.2
*
ms
*216 CLKOUT Cycles.
Specifications subject to change without notice.
FLASH MEMORY
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Endurance
10,000
Cycles
Cycle = Erase/Program/Verify
Data Retention
15
Years
Program and Erase Operating Temperature
0
85
C
Read Operating Temperature
–40
+85
C
Specifications subject to change without notice.


同様の部品番号 - ADMCF328BN

メーカー部品番号データシート部品情報
logo
Analog Devices
ADMCF328 AD-ADMCF328_15 Datasheet
999Kb / 36P
   28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
More results

同様の説明 - ADMCF328BN

メーカー部品番号データシート部品情報
logo
Analog Devices
ADMCF328 AD-ADMCF328_15 Datasheet
999Kb / 36P
   28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. B
ADMCF327 AD-ADMCF327 Datasheet
253Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
   28-Lead ROM-Based DSP Motor Controller
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com