データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB0J227M2ECB データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 CB0J227M2ECB
部品情報  Tantalum Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

CB0J227M2ECB データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  CB0J227M2ECB Datasheet HTML 1Page - List of Unclassifed Manufacturers CB0J227M2ECB Datasheet HTML 2Page - List of Unclassifed Manufacturers CB0J227M2ECB Datasheet HTML 3Page - List of Unclassifed Manufacturers CB0J227M2ECB Datasheet HTML 4Page - List of Unclassifed Manufacturers CB0J227M2ECB Datasheet HTML 5Page - List of Unclassifed Manufacturers CB0J227M2ECB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <5>
V1.1
06/09/12
CB Series
Tantalum Capacitor
Description
Part Number
Capacitor, 4.7µF, 6.3V
CB0J475M2ACB
Capacitor, 6.8µF, 6.3V
CB0J685M2ACB
Capacitor, 15µF, 6.3V
CB0J156M2BCB
Capacitor, 33µF, 6.3V
CB0J336M2CCB
Capacitor, 150µF, 6.3V
CB0J157M2ECB
Capacitor, 220µF, 6.3V
CB0J227M2ECB
Capacitor, 6.8µF, 10V
CB1A685M2BCB
Capacitor, 15µF, 10V
CB1A156M2CCB
Capacitor, 68µF, 10V
CB1A686M2DCB
Capacitor, 150µF, 10V
CB1A157M2ECB
Capacitor, 220µF, 10V
CB1A227M2FCB
Capacitor, 3.3µF, 16V
CB1C335M2ACB
Capacitor, 15µF, 16V
CB1C156M2CCB
Capacitor, 150µF, 16V
CB1C157M2FCB
Capacitor, 1.5µF, 25V
CB1E155M2ACB
Capacitor, 3.3µF, 25V
CB1E335M2BCB
Capacitor, 47µF, 25V
CB1E476M2ECB
Capacitor, 68µF, 25V
CB1E686M2FCB
Capacitor, 100µF, 25V
CB1E107M2FCB
Capacitor, 0.15µF, 35V
CB1V154M2ACB
Capacitor, 0.68µF, 35V
CB1V684M2ACB
Capacitor, 1.5µF, 35V
CB1V155M2ACB
Capacitor, 33µF, 35V
CB1V336M2FCB
Capacitor, 0.1µF, 50V
CB1H104M2ACB
Capacitor, 0.22µF, 50V
CB1H224N2ACB
Capacitor, 0.33µF, 50V
CB1H334M2ACB
Capacitor, 0.47µF, 50V
CB1H474M2ACB
Capacitor, 0.68µF, 50V
CB1H684M2ACB
Capacitor, 1µF, 50V
CB1H105M2BCB
Capacitor, 1.5µF, 50V
CB1H155M2CCB
Capacitor, 2.2µF, 50V
CB1H225M2CCB
Capacitor, 3.3µF, 50V
CB1H335M2DCB
Description
Part Number
Capacitor, 4.7µF, 50V
CB1H475M2DCB
Capacitor, 6.8µF, 50V
CB1H685M2ECB
Capacitor, 10µF, 50V
CB1H106M2ECB
Capacitor, 10µF, 6.3V
CB0J106M2BCB
Capacitor, 22µF, 6.3V
CB0J226M2CCB
Capacitor, 47µF, 6.3V
CB0J476M2DCB
Capacitor, 68µF, 6.3V
CB0J686M2DCB
Capacitor, 100µF, 6.3V
CB0J107M2ECB
Capacitor, 4.7µF, 10V
CB1A475M2ACB
Capacitor, 10µF, 10V
CB1A106M2BCB
Capacitor, 22µF, 10V
CB1A226M2CCB
Capacitor, 33µF, 10V
CB1A336M2DCB
Capacitor, 47µF, 10V
CB1A476M2DCB
Capacitor, 100µF, 10V
CB1A107M2ECB
Capacitor, 2.2µF, 16V
CB1C225M2ACB
Capacitor, 4.7µF, 16V
CB1C475M2BCB
Capacitor, 6.8µF, 16V
CB1C685M2BCB
Capacitor, 10µF, 16V
CB1C106M2BCB
Capacitor, 22µF, 16V
CB1C226M2CCB
Capacitor, 33µF, 16V
CB1C336M2DCB
Capacitor, 47µF, 16V
CB1C476M2DCB
Capacitor, 68µF, 16V
CB1C686M2ECB
Capacitor, 100µF, 16V
CB1C107M2ECB
Capacitor, 1µF, 25V
CB1E105M2ACB
Capacitor, 2.2µF, 25V
CB1E225M2ACB
Capacitor, 4.7µF, 25V
CB1E475M2BCB
Capacitor, 6.8µF, 25V
CB1E685M2CCB
Capacitor, 10µF, 25V
CB1E106M2CCB
Capacitor, 15µF, 25V
CB1E156M2DCB
Capacitor, 22µF, 25V
CB1E226M2DCB
Capacitor, 33µF, 25V
CB1E336M2ECB
Capacitor, 0.1µF, 35V
CB1V104M2ACB
Part Number Table


同様の部品番号 - CB0J227M2ECB

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB00210207C1 EATON-CB00210207C1 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB00210207C2 EATON-CB00210207C2 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB00210207C3 EATON-CB00210207C3 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB00210207C4 EATON-CB00210207C4 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
More results

同様の説明 - CB0J227M2ECB

メーカー部品番号データシート部品情報
logo
Kemet Corporation
T500X227K010AG6110 KEMET-T500X227K010AG6110 Datasheet
98Kb / 1P
   Capacitor, tantalum
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76010D1079M055 KEMET-B76010D1079M055 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com