データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1706ARDZ-1.15R7 データシート(PDF) 3 Page - Analog Devices

部品番号 ADP1706ARDZ-1.15R7
部品情報  1 A, Low Dropout, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.15R7 データシート(HTML) 3 Page - Analog Devices

  ADP1706ARDZ-1.15R7 Datasheet HTML 1Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 2Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.6 V) or 2.5 V (whichever is greater), IOUT = 10 mA, CIN = COUT = 4.7 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = –40°C to +125°C
2.5
5.5
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 mA
50
μA
IOUT = 100 mA
310
μA
IOUT = 100 mA, TJ = −40°C to +125°C
390
μA
IOUT = 1 A
1.2
mA
IOUT = 1 A, TJ = −40°C to +125°C
1.55
mA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.1
μA
EN = GND, TJ = −40°C to +125°C
1.0
μA
OUTPUT VOLTAGE ACCURACY
VOUT
IOUT = 10 mA
−1
+1
%
IOUT = 100 μA to 1 A
−1.5
+1.5
%
Fixed Output Voltage Accuracy
(ADP1706 and ADP1707)
100 μA < IOUT < 1 A, TJ = −40°C to +125°C
−2.5
+2.5
%
VOUT
IOUT = 10 mA
0.792
0.8
0.808
V
IOUT = 100 μA to 1 A
0.788
0.812
V
Adjustable Output Voltage Accuracy
(ADP1708)1
100 μA < IOUT < 1 A, TJ = −40°C to +125°C
0.780
0.820
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.6 V) to 5.5 V,
TJ = −40°C to +125°C
−0.1
+0.1
%/ V
LOAD REGULATION2
∆VOUT/∆IOUT
IOUT = 10 mA to 1 A, TJ = −40°C to +125°C
0.001
%/mA
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 100 mA, VOUT ≥ 3.3 V
33
mV
IOUT = 100 mA, VOUT ≥ 3.3 V,
TJ = −40°C to +125°C
55
mV
IOUT = 1 A, VOUT ≥ 3.3 V
345
mV
IOUT = 1 A, VOUT ≥ 3.3 V, TJ = −40°C to +125°C
600
mV
IOUT = 100 mA, 2.5 V ≤ VOUT < 3.3 V
35
mV
IOUT = 100 mA, 2.5 V ≤ VOUT < 3.3 V,
TJ = −40°C to +125°C
60
mV
IOUT = 1 A, 2.5 V ≤ VOUT < 3.3 V
365
mV
IOUT = 1 A, 2.5 V ≤ VOUT < 3.3 V,
TJ = −40°C to +125°C
630
mV
START-UP TIME4
tSTART-UP
ADP1707 and ADP1708
100
μs
ADP1706
CSS = 10 nF
7.3
ms
CURRENT LIMIT THRESHOLD5
ILIMIT
1.1
1.5
1.8
A
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
SOFT START SOURCE CURRENT (ADP1706)
SSI-SOURCE
SS = GND
0.6
1.1
1.6
μA
VOUT to VTRK ACCURACY (ADP1707)
VTRK-ERROR
0 V ≤ VTRK ≤ (0.5 × VOUT (NOM)), VOUT (NOM) ≤ 1.8 V,
TJ = −40°C to +125°C
−40
+40
mV
0 V ≤ VTRK ≤ (0.5 × VOUT (NOM)), VOUT (NOM) > 1.8 V,
TJ = −40°C to +125°C
−60
+60
mV
EN INPUT
EN Input Logic High
VIH
2.5 V ≤ VIN ≤ 5.5 V
1.8
V
EN Input Logic Low
VIL
2.5 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN = IN or GND
0.1
1
μA
ADJ INPUT BIAS CURRENT (ADP1708)
ADJI-BIAS
30
100
nA
SENSE INPUT BIAS CURRENT
SNSI-BIAS
4
μA


同様の部品番号 - ADP1706ARDZ-1.15R7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1706ARDZ-1.15R7 AD-ADP1706ARDZ-1.15R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.15R7 AD-ADP1706ARDZ-1.15R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

同様の説明 - ADP1706ARDZ-1.15R7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com