データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC898300XA-MH データシート(PDF) 4 Page - ON Semiconductor

部品番号 LC898300XA-MH
部品情報  Linear Vibrator Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898300XA-MH データシート(HTML) 4 Page - ON Semiconductor

  LC898300XA-MH Datasheet HTML 1Page - ON Semiconductor LC898300XA-MH Datasheet HTML 2Page - ON Semiconductor LC898300XA-MH Datasheet HTML 3Page - ON Semiconductor LC898300XA-MH Datasheet HTML 4Page - ON Semiconductor LC898300XA-MH Datasheet HTML 5Page - ON Semiconductor LC898300XA-MH Datasheet HTML 6Page - ON Semiconductor LC898300XA-MH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LC898300XA
No.A2053-4/7
Timing chart
Motor drive timing
The Motor is driven by EN pin, and the driving time is controlled by keeping EN pin “H”. The High speed start UP
time, driving power and Brake time can be modified by I
2C setting. The initial driving frequency must be set by I2C I/F
at the center of resonance frequency of the linear vibrators, when the initial driving frequency is inadequate. The
minimum width of EN signal must be larger than the cycle of initial driving frequency setting.
Stand-by Control
The Stand-by mode is controlled by RSTB pin. (RSTB=”L”
Stand-by mode is ON.)
When the stand-by mode is “ON”, the register value is set to initial value. So, the register must be set again after the
stand-by mode is “OFF”. And, the “EN” signal and I2C command must wait over 200us after “RSTB” pin is set to “H”.
EN Control
The width of EN=High should be set at least 1 driving cycle.
ex) 0x02 RESOFRQ=0x0A (175Hz)
(min) 5.71ms
The width of EN=Low should be kept over 30ms, if the pre-driving period is over 30ms. On the other hand,
If the pre-driving period is less than 30ms, the minimum width of EN=Low is same as the pre-driving width.
High speed
Start UP Time
Driving Time(Driving power is
adjusted by driving voltage)
Brake Time
EN
OUT1
OUT2
(min)30ms
EN
(min) 1 driving cycle
Stand-by
Driving off
I2C
Brake
Driving on
Stand-by
Driving off
30ms
Set registers again
RSTB
EN
This period isn t need, if the brake is not used.


同様の部品番号 - LC898300XA-MH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC898300XA SANYO-LC898300XA Datasheet
94Kb / 7P
   Linear Vibrator Driver IC
More results

同様の説明 - LC898300XA-MH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC898300XA SANYO-LC898300XA Datasheet
94Kb / 7P
   Linear Vibrator Driver IC
logo
ON Semiconductor
LC898302AXA-D ONSEMI-LC898302AXA-D Datasheet
117Kb / 8P
   Linear Vibrator Driver
May, 2022
LC898301XA ONSEMI-LC898301XA Datasheet
189Kb / 12P
   Liner Vibrator Driver IC
October, 2013 Ver. 2.1
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
Maxim Integrated Produc...
MAX1749 MAXIM-MAX1749 Datasheet
108Kb / 8P
   SOT23 Vibrator Motor Driver
19-1455; Rev 1; 6/99
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
   Linear LED Driver IC
logo
Sanyo Semicon Device
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
logo
Analog Intergrations Co...
AIC1993 AIC-AIC1993_15 Datasheet
304Kb / 8P
   Linear Fan Control Driver IC
logo
Panasonic Semiconductor
AN8389S PANASONIC-AN8389S Datasheet
277Kb / 5P
   4 Channel Linear Driver IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com