データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040 データシート(PDF) 1 Page - ON Semiconductor

部品番号 LM4040
部品情報  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040 データシート(HTML) 1 Page - ON Semiconductor

  LM4040 Datasheet HTML 1Page - ON Semiconductor LM4040 Datasheet HTML 2Page - ON Semiconductor LM4040 Datasheet HTML 3Page - ON Semiconductor LM4040 Datasheet HTML 4Page - ON Semiconductor LM4040 Datasheet HTML 5Page - ON Semiconductor LM4040 Datasheet HTML 6Page - ON Semiconductor LM4040 Datasheet HTML 7Page - ON Semiconductor LM4040 Datasheet HTML 8Page - ON Semiconductor LM4040 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 4
1
Publication Order Number:
LM4040/D
LM4040, LM4041
Precision Micro-Power
Shunt Voltage References
Description
LM4040 and LM4041 are precision two−terminal shunt mode
voltage references offered in factory programmed reverse breakdown
voltages of 1.225 V, 2.500 V, 3.000 V, 3.300 V, 4.096 V, and 5.000 V.
ON Semiconductor’s Charge Programmable floating gate
technology ensures precise voltage settings offering five grades of
initial accuracy; from 0.1% to 2%.
LM4040 and LM4041 operate over a shunt current range of 60
mA
to 15 mA with low dynamic impedance, and 100 ppm/
°C temperature
coefficient ensuring stable reverse breakdown voltage accuracy over a
wide range of operating conditions.
These shunt regulators do not require an external stabilizing
capacitor but are stable with any capacitive load (up to 1
mF).
Offered in space saving SOT−23 and SC−70 packages LM4040 and
LM4041 are specified for operation over the full industrial
temperature range of −40
°C to +85°C.
Features
Reverse Breakdown Voltages:
♦ 1.225 V
♦ 3.300 V
♦ 2.500 V
♦ 4.096 V
♦ 3.000 V
♦ 5.000 V
Accuracy Grades:
♦ A: ±0.1%
♦ D: ±1.0%
♦ B: ±0.2%
♦ E: ±2.0%
♦ C: ±0.5%
Operating Current: 60 mA to 15 mA
Low Output Noise: 35 mV
(10 Hz to 10 KHz)
Small Package Size: SOT−23, SC−70
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Mobile Handheld Devices
Industrial Process Control
Instrumentation
Laptop and Desktop PCs
Automotive
Energy Management
http://onsemi.com
SC−70 5 Lead
SD SUFFIX
CASE 419AC
MARKING DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
SOT−23 3 Lead
TB SUFFIX
CASE 527AG
PIN CONNECTIONS
3
4
5
2
1
1
2
3
4x
= Specific Device Code
= (4L = LM4040, 4M = LM4041)
A
= Assembly Location Code
Y
= Production Year
M
= Production Month
G
= Pb−Free Package
(SOT−23)
(SC−70)
4xYM
G
4xA
G


同様の部品番号 - LM4040

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4040 NSC-LM4040 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
logo
Micrel Semiconductor
LM4040 MICREL-LM4040 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
LM4040 TI-LM4040 Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

同様の説明 - LM4040

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com