データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74LVXT4051 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC74LVXT4051
部品情報  Analog Multiplexer Demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051 データシート(HTML) 5 Page - ON Semiconductor

  MC74LVXT4051 Datasheet HTML 1Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 2Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 3Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 4Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 5Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MC74LVXT4051
http://onsemi.com
5
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 3 ns)
Symbol
Parameter
VCC
V
VEE
V
Guaranteed Limit
Unit
*55 to 25°C
v85°C
v125°C
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Maximum Propagation Delay, Channel−Select
to Analog Output (Figures 16 and 17)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to Analog
Output (Figures 14 and 15)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to Analog
Output (Figures 14 and 15)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
CPD
Power Dissipation Capacitance (Figure 18) (Note 6)
Typical @ 25°C, VCC = 5.0 V, VEE = 0V
45
pF
CIN
Maximum Input Capacitance, Channel−Select or Enable Inputs
10
pF
CI/O
Maximum Capacitance
Analog I/O
(All Switches Off)
Common O/I
Feedthrough
10
10
1.0
pF
6. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
Symbol
Parameter
Condition
VCC
V
VEE
V
Typ
Unit
25°C
BW
Maximum On−Channel Bandwidth or
Minimum Frequency Response
VIS = ½ (VCC − VEE)
Ref and Test Attn = 10 dB
Source Amplitude = 0 dB
(Figure 7)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
80
80
80
80
MHz
VISO
Off−Channel Feedthrough Isolation
f = 1 MHz; VIS = ½ (VCC − VEE)
Adjust Network Analyzer output to 10 dBm
on each output from the power splitter.
(Figures 8 and 9)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
*70
*70
*70
*70
dB
VONL
Maximum Feedthrough On Loss
VIS = ½ (VCC − VEE)
Adjust Network Analyzer output to 10 dBm on
each output from the power splitter.
(Figure 11)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
*2
*2
*2
*2
dB
Q
Charge Injection
VIN = VCC to VEE, fIS = 1 kHz, tr = tf = 3 ns
RIS = 0 W, CL= 1000 pF, Q = CL * DVOUT
(Figure 10)
5.0
3.0
0.0
*3.0
9.0
12
pC
THD
Total Harmonic Distortion THD + Noise
fIS = 1 MHz, RL = 10 KW, CL = 50 pF,
VIS = 5.0 VPP sine wave
VIS = 6.0 VPP sine wave
(Figure 19)
6.0
3.0
0.0
*3.0
0.10
0.05
%


同様の部品番号 - MC74LVXT4051

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT4051 ONSEMI-MC74LVXT4051 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4051 ONSEMI-MC74LVXT4051 Datasheet
158Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVXT4051D ONSEMI-MC74LVXT4051D Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
MC74LVXT4051D ONSEMI-MC74LVXT4051D Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
More results

同様の説明 - MC74LVXT4051

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com