データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4728A データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 1N4728A
部品情報  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4728A データシート(HTML) 3 Page - Fairchild Semiconductor

  1N4728A Datasheet HTML 1Page - Fairchild Semiconductor 1N4728A Datasheet HTML 2Page - Fairchild Semiconductor 1N4728A Datasheet HTML 3Page - Fairchild Semiconductor 1N4728A Datasheet HTML 4Page - Fairchild Semiconductor 1N4728A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4728A - 1N4758A Rev. H3
3
Top Mark Information (Continued)
General Requirements:
1.0 Cathode Band
2.0 First Line: F - Fairchild Logo
3.0 Second Line: Device name - For 1Nxx series: 3rd to 4th characters of the device name.
For BZxx series: 4th to 6th characters of the device name.
4.0 Third Line: Device name - For 1Nxx series: 5th to 6th characters of the device name.
For BZXyy series: Voltage rating
5.0 Third Line: Device name - For 1Nxx series: 7th to 8th characters of the device name.
(the 8th character is the large die identification)
For BZXyy series: Large Die Identification character
6.0 Fourth Line: Date Code - Two Digit - Six Weeks Date Code
Where: X represents the last digit of the calendar year
Y represents the Six weeks numeric code
7.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec).
8.0 Maximum no. of marking lines: 5
9.0 Maximum no. of digits per line: 3
10.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line.
11.0 Marking Font: Arial (Except FSC Logo)
12.0 First character of each marking line must be aligned vertically.
13.0 All device markings must be based on Fairchild device specification.
F
47
36
A
F
XY
1st line: F - Fairchild Logo
2nd line: Device Name - 3rd to 4th characters of device name for 1Nxx series
or 4th to 6th characters for BZXyy series
3rd line: Device Name - 5th to 6th characters of device name for 1Nxx series
or Voltage rating for BZXyy series
4th line: Device Name - 7th to 8th characters of device name for 1Nxx series
or Large Die identification only for BZXyy series
5th line: Date Code - Two Digit - Six Weeks Date Code


同様の部品番号 - 1N4728A

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A Datasheet
666Kb / 4P
   Zener Diodes
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N4728A MICROSEMI-1N4728A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A Datasheet
50Kb / 5P
   Zeners
More results

同様の説明 - 1N4728A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com