データシートサーチシステム |
|
FIN1047MTC データシート(PDF) 3 Page - Fairchild Semiconductor |
|
FIN1047MTC データシート(HTML) 3 Page - Fairchild Semiconductor |
3 / 9 page 3 www.fairchildsemi.com AC Electrical Characteristics Over supply voltage and operating temperature ranges, unless otherwise specified Note 4: All typical values are at TA = 25°C and with VCC = 3.3V. Note 5: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc- tion. Note 6: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction (either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits. Note 7: fMAX criteria: Input tR = tF < 1ns, 0V to 3V, 50% Duty Cycle; Output VOD > 250 mv, 45% to 55% Duty Cycle; all switching in phase channels. Note 8: Test Circuits in Figures 2, 4, 6 are simplified representations of test fixture and DUT loading. Symbol Parameter Test Conditions Min Typ Max Units (Note 4) tPLHD Differential Propagation Delay 0.6 1.1 1.7 ns LOW-to-HIGH tPHLD Differential Propagation Delay 0.6 1.2 1.7 ns HIGH-to-LOW tTLHD Differential Output Rise Time (20% to 80%) RL = 100 Ω, CL = 10 pF, 0.4 1.2 ns tTHLD Differential Output Fall Time (80% to 20%) See Figure 2 (Note 8), and Figure 3 0.4 1.2 ns tSK(P) Pulse Skew |tPLH - tPHL| 0.4 ns tSK(LH) Channel-to-Channel Skew 0.05 0.3 ns tSK(HL) (Note 5) tSK(PP) Part-to-Part Skew (Note 6) 1.0 ns fMAX Maximum Frequency (Note 7) RL = 100Ω, See Figure 6 (Note 8) 200 250 MHz tZHD Differential Output Enable Time from Z to HIGH 1.7 5.0 ns tZLD Differential Output Enable Time from Z to LOW RL = 100Ω, CL = 10 pF, 1.7 5.0 ns tHZD Differential Output Disable Time from HIGH to Z See Figure 4 (Note 8), and Figure 5 2.7 5.0 ns tLZD Differential Output Disable Time from LOW to Z 2.7 5.0 ns CIN Input Capacitance 4.2 pF COUT Output Capacitance 5.2 pF |
同様の部品番号 - FIN1047MTC |
|
同様の説明 - FIN1047MTC |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |