データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1047MTC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FIN1047MTC
部品情報  3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1047MTC データシート(HTML) 1 Page - Fairchild Semiconductor

  FIN1047MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 6Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 7Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 8Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500589
www.fairchildsemi.com
June 2001
Revised August 2003
FIN1047
3.3V LVDS 4-Bit Flow-Through
High Speed Differential Driver
General Description
This quad driver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The driver translates LVTTL signal levels to LVDS lev-
els with a typical differential output swing of 350mV which
provides low EMI at ultra low power dissipation even at
high frequencies. This device is ideal for high speed trans-
fer of clock and data.
The FIN1047 can be paired with its companion receiver,
the FIN1048, or any other LVDS receiver.
Features
s Greater than 400Mbs data rate
s Flow-through pinout simplifies PCB layout
s 3.3V power supply operation
s 0.4 ns maximum differential pulse skew
s 1.7 ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Pin compatible with equivalent RS-422 and LVPECL
devices
s 16-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Truth Table
H
= HIGH Logic Level L = LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Pin Descriptions
Order Number
Package Number
Package Description
FIN1047M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1047MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Inputs
Outputs
EN
EN
DIN
DOUT+
DOUT−
H
L or OPEN
H
H
L
H
L or OPEN
L
L
H
H
L or OPEN
OPEN
L
H
XHX
Z
Z
L or OPEN
X
X
Z
Z
Pin Name
Description
DIN1, DIN2, DIN3, DIN4
LVTTL Data Inputs
DOUT1+, DOUT2+, DOUT3+, DOUT4+ Non-Inverting
Driver Outputs
DOUT1−, DOUT2−, DOUT3−, DOUT4− Inverting
Driver Outputs
EN
Driver Enable Pin
EN
Inverting Driver
Enable Pin
VCC
Power Supply
GND
Ground


同様の部品番号 - FIN1047MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1047MTC FAIRCHILD-FIN1047MTC Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
logo
ON Semiconductor
FIN1047MTC ONSEMI-FIN1047MTC Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MTCX FAIRCHILD-FIN1047MTCX Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
More results

同様の説明 - FIN1047MTC

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
logo
ON Semiconductor
FIN1048 ONSEMI-FIN1048 Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1047 FAIRCHILD-FIN1047 Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com