データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM7912CT データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 LM7912CT
部品情報  3-Terminal 1 A Negative Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7912CT データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button LM7912CT Datasheet HTML 3Page - Fairchild Semiconductor LM7912CT Datasheet HTML 4Page - Fairchild Semiconductor LM7912CT Datasheet HTML 5Page - Fairchild Semiconductor LM7912CT Datasheet HTML 6Page - Fairchild Semiconductor LM7912CT Datasheet HTML 7Page - Fairchild Semiconductor LM7912CT Datasheet HTML 8Page - Fairchild Semiconductor LM7912CT Datasheet HTML 9Page - Fairchild Semiconductor LM7912CT Datasheet HTML 10Page - Fairchild Semiconductor LM7912CT Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.0
7
Electrical Characteristics (LM7910)
(VI = -17 V, IO = 500 mA, 0°C ≤ TJ ≤ +125°C, CI = 2.2 μF, CO =1 μF; unless otherwise specified.)
Note:
7. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
-9.6
-10.0
-10.4
V
IO = 5 mA to 1A, Pd ≤ 15 W,
VI = -12 V to -28 V
-9.5
-10.0
-10.5
ΔVO
Line Regulation(7)
TJ = +25°C
VI = -12.5 V to -28 V
12
200
mV
VI = -14 V to -20 V
6
100
ΔVO
Load Regulation(7)
TJ = +25°C,
IO = 5 mA to 1.5 A
12
200
mV
TJ = +25°C,
IO = 250 mA to 750 mA
4
100
IQ
Quiescent Current
TJ = +25°C3
6
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.05
0.50
mA
VI = -12.5 V to -28 V
0.10
1.00
ΔVo/ΔT
Temperature Coefficient
of VO
IO = 5 mA
-1
mV/
°C
VN
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz, TA =+25°C280
μV
RR
Ripple Rejection
f = 120 Hz,
ΔVI = 10 V
54
60
dB
VD
Dropout Voltage
TJ = +25°C, IO = 1 A
2
V
ISC
Short-Circuit Current
TJ = +25°C, VI = -35 V
300
mA
IPK
Peak Current
TJ = +25°C2.2
A


同様の部品番号 - LM7912CT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM7912CT NSC-LM7912CT Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
LM7912CT NSC-LM7912CT Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM7912CT FAIRCHILD-LM7912CT Datasheet
284Kb / 15P
   3-Terminal 1A Negative Voltage Regulator
LM7912CT FAIRCHILD-LM7912CT Datasheet
284Kb / 15P
   3-Terminal 1A Negative Voltage Regulator
logo
Texas Instruments
LM7912CT TI-LM7912CT Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
More results

同様の説明 - LM7912CT

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
   3-Terminal 1 A Negative Voltage Regulator
logo
Fairchild Semiconductor
KA7905ATU FAIRCHILD-KA7905ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com