データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103CW-13-F データシート(PDF) 2 Page - Rohm

部品番号 SD103CW-13-F
部品情報  Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SD103CW-13-F データシート(HTML) 2 Page - Rohm

  SD103CW-13-F Datasheet HTML 1Page - Rohm SD103CW-13-F Datasheet HTML 2Page - Rohm SD103CW-13-F Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103AW - SD103CW
0.01
0.1
1
0.001
0.0001
0
800
600
400
200
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 1 Typical Forward Characteristics
F
T = 25 C
A
°
T = 75 C
A
°
T = 125 C
A
°
T = 0 C
A
°
T = -40 C
A
°
0.01
0.1
1
10
100
1,000
0
25
75
50
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 2 Typical Reverse Characteristics
100
0
10
5
15
25
20
30
0
25
50
75
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 3 Total Capacitance vs. Reverse Voltage
f = 1.0MHz
0
100
200
500
025
50
75
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Power Derating Curve
A
100
300
400
Note 1
Ordering Information (Note 5)
Part Number
Case
Packaging
SD103AW-7-F
SOD-123
3000/Tape and Reel
SD103BW-7-F
SOD-123
3000/Tape and Reel
SD103CW-7-F
SOD-123
3000/Tape and Reel
SD103CW-13-F
SOD-123
10,000/Tape and Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SD103AW - SD103CW
Document number: DS11013 Rev. 24 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated


同様の部品番号 - SD103CW-13-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SD103CW-13-F DIODES-SD103CW-13-F Datasheet
119Kb / 3P
   SCHOTTKY BARRIER DIODE
DS11013 Rev. 24 - 2
SD103CW-13-F DIODES-SD103CW-13-F Datasheet
119Kb / 3P
   SCHOTTKY BARRIER DIODE
SD103CW-13-F DIODES-SD103CW-13-F Datasheet
119Kb / 3P
   SCHOTTKY BARRIER DIODE
SD103CW-13-F DIODES-SD103CW-13-F Datasheet
297Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

同様の説明 - SD103CW-13-F

メーカー部品番号データシート部品情報
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com