データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4021BPW データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4021BPW
部品情報  CMOS 8-Stage Statice Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4021BPW データシート(HTML) 11 Page - Texas Instruments

Back Button CD4021BPW Datasheet HTML 7Page - Texas Instruments CD4021BPW Datasheet HTML 8Page - Texas Instruments CD4021BPW Datasheet HTML 9Page - Texas Instruments CD4021BPW Datasheet HTML 10Page - Texas Instruments CD4021BPW Datasheet HTML 11Page - Texas Instruments CD4021BPW Datasheet HTML 12Page - Texas Instruments CD4021BPW Datasheet HTML 13Page - Texas Instruments CD4021BPW Datasheet HTML 14Page - Texas Instruments CD4021BPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


同様の部品番号 - CD4021BPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4021BPW TI-CD4021BPW Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
CD4021BPW TI1-CD4021BPW Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
CD4021BPWE4 TI1-CD4021BPWE4 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
CD4021BPWG4 TI1-CD4021BPWG4 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
CD4021BPWR TI-CD4021BPWR Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
More results

同様の説明 - CD4021BPW

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
logo
Unisonic Technologies
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
   8-STAGE STATIC SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com