データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C128LI-G データシート(PDF) 7 Page - ON Semiconductor

部品番号 CAT24C128LI-G
部品情報  128 kb I2C CMOS Serial
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C128LI-G データシート(HTML) 7 Page - ON Semiconductor

Back Button CAT24C128LI-G Datasheet HTML 3Page - ON Semiconductor CAT24C128LI-G Datasheet HTML 4Page - ON Semiconductor CAT24C128LI-G Datasheet HTML 5Page - ON Semiconductor CAT24C128LI-G Datasheet HTML 6Page - ON Semiconductor CAT24C128LI-G Datasheet HTML 7Page - ON Semiconductor CAT24C128LI-G Datasheet HTML 8Page - ON Semiconductor CAT24C128LI-G Datasheet HTML 9Page - ON Semiconductor CAT24C128LI-G Datasheet HTML 10Page - ON Semiconductor CAT24C128LI-G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT24C128
http://onsemi.com
7
Write Operations
Byte Write
Upon receiving a Slave address with the R/W bit set to ‘0’,
the CAT24C128 will interpret the next two bytes as address
bytes. These bytes are used to initialize the internal address
counter; the 2 most significant bits are ‘don’t care’, the next
8 point to one of 256 available pages and the last 6 point to
a location within a 64 byte page. A byte following the
address bytes will be interpreted as data. The data will be
loaded into the Page Write Buffer and will eventually be
written to memory at the address specified by the 14 active
address bits provided earlier. The CAT24C128 will
acknowledge the Slave address, address bytes and data byte.
The Master then starts the internal Write cycle by issuing a
STOP condition (Figure 6). During the internal Write cycle
(tWR), the SDA output will be tri−stated and additional Read
or Write requests will be ignored (Figure 7).
Page Write
By continuing to load data into the Page Write Buffer after
the 1st data byte and before issuing the STOP condition, up
to 64 bytes can be written simultaneously during one
internal Write cycle (Figure 8). If more data bytes are loaded
than locations available to the end of page, then loading will
continue from the beginning of page, i.e. the page address is
latched and the address count automatically increments to
and then wraps−around at the page boundary. Previously
loaded data can thus be overwritten by new data. What is
eventually written to memory reflects the latest Page Write
Buffer contents. Only data loaded within the most recent
Page Write sequence will be written to memory.
Acknowledge Polling
The ready/busy status of the CAT24C128 can be
ascertained by sending Read or Write requests immediately
following the STOP condition that initiated the internal
Write cycle. As long as internal Write is in progress, the
CAT24C128 will not acknowledge the Slave address.
Hardware Write Protection
With the WP pin held HIGH, the entire memory is
protected against Write operations. If the WP pin is left
floating or is grounded, it has no impact on the operation of
the CAT24C128. The state of the WP pin is strobed on the
last falling edge of SCL immediately preceding the first data
byte (Figure 9). If the WP pin is HIGH during the strobe
interval, the CAT24C128 will not acknowledge the data byte
and the Write request will be rejected.
Delivery State
The CAT24C128 is shipped erased, i.e., all bytes are FFh.
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SLAVE
S
T
A
R
T
ADDRESS
BYTE
ADDRESS
BYTE
DATA
BYTE
A
C
K
* = Don’t Care Bit
Figure 6. Byte Write Sequence
**
a13−a8
a7−a0
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8th Bit
Byte n
SCL
SDA
Figure 7. Write Cycle Timing
tWR


同様の部品番号 - CAT24C128LI-G

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C128LI-GT3 CATALYST-CAT24C128LI-GT3 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128LI-GT3 CATALYST-CAT24C128LI-GT3 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128LI-GT3 ONSEMI-CAT24C128LI-GT3 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
More results

同様の説明 - CAT24C128LI-G

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com