データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC707JP-BI データシート(PDF) 2 Page - Texas Instruments

部品番号 DAC707JP-BI
部品情報  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC707JP-BI データシート(HTML) 2 Page - Texas Instruments

  DAC707JP-BI Datasheet HTML 1Page - Texas Instruments DAC707JP-BI Datasheet HTML 2Page - Texas Instruments DAC707JP-BI Datasheet HTML 3Page - Texas Instruments DAC707JP-BI Datasheet HTML 4Page - Texas Instruments DAC707JP-BI Datasheet HTML 5Page - Texas Instruments DAC707JP-BI Datasheet HTML 6Page - Texas Instruments DAC707JP-BI Datasheet HTML 7Page - Texas Instruments DAC707JP-BI Datasheet HTML 8Page - Texas Instruments DAC707JP-BI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
DAC707/708/709
2
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VCC = ±15V, VDD = +5V, and after a 10-minute warm-up, unless otherwise noted.
DAC707/708/709KH,
DAC707/708/
DAC707JP
DAC707KP
709BH, SH
PRODUCT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
DIGITAL INPUT
Resolution
16
*
*
Bits
Bipolar Input Code (all models)
Binary Two’s Complement
*
*
Unipolar Input Code(1) (DAC708/709 only)
Unipolar Straight Binary
*
Logic Levels(2): VIH
+2.0
+5.5
*
*
*
*
V
VIL
–1.0
+0.8
*
*
*
*
V
IIH (VI = +2.7V)
1
*
*
µA
IIL (VI = +0.4V)
1
*
*
µA
TRANSFER CHARACTERISTICS
ACCURACY(3)
Linearity Error
±0.003
±0.006
±0.0015
±0.003
*
*
% of FSR(4)
Differential Linearity Error(5)
±0.0045
±0.012
±0.003
±0.006
*
*
% of FSR
at Bipolar Zero(5, 6)
±0.003
±0.006
±0.0015
±0.003
% of FSR
Gain Error(7)
±0.07
±0.30
*
±0.15
±0.05
±0.10
%
Zero Error(7)
±0.05
±0.1
*
*
*
*
% of FSR
Monotonicity Over Spec Temp Range
13
14
14
Bits
Power Supply Sensitivity: +VCC, –VCC
±0.0015
±0.006
*
*
*
±0.003
% of FSR/%VCC
VDD
±0.0001
±0.001
*
*
*
*
% of FSR/%VDD
DRIFT (Over Spec Temp Range(3))
Total Error Over Temp Range(8)
±0.08
*
±0.15
*
±0.10
% of FSR
Total Full Scale Drift
±10
*
±25
*
±15
ppm of FSR/
°C
Gain Drift
±10
±30
*
±25
±7
±15
ppm/
°C
Zero Drift: Unipolar (DAC708/709 only)
±2.5
±5
±1.5
±3
ppm of FSR/
°C
Bipolar (all models)
±5
±15
*
±12
±4
±10
ppm of FSR/
°C
Differential Linearity Over Temp(5)
±0.012
+0.009,
*
–0.006
% of FSR
Linearity Error Over Temp(5)
±0.012
±0.006
*
% of FSR
SETTLING TIME (to
±0.003% of FSR)(9)
Voltage Output Models
Full Scale Step (2k
Ω load)
4
*
8
*
8
µs
1LSB Step at Worst Case Code(10)
2.5
*
4
*
4
µs
Slew Rate
10
*
*
V/
µs
Current Output Models
Full Scale Step (2mA): 10 to 100
Ω Load
350
*
ns
1k
Ω Load
1
*
µs
OUTPUT
VOLTAGE OUTPUT MODELS
Output Voltage Range
DAC709: Unipolar (USB Code)
0 to +10
*
V
Bipolar (BTC Code)
±5, ±10
*
V
DAC707 Bipolar (BTC Code)
±10
*
*
V
Output Current
±5*
*
mA
Output Impedance
0.15
*
*
Short Circuit to Common Duration
Indefinite
*
*
CURRENT OUTPUT MODELS
Output Current Range (
±30% typ)
DAC708: Unipolar (USB Code)
0 to –2
*
mA
Bipolar (BTC Code)
±1*
mA
Unipolar Output Impedance (
±30% typ)
4.0
*
k
Bipolar Output Impedance (
±30% typ)
2.45
*
k
Compliance Voltage
±2.5
*
V
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


同様の部品番号 - DAC707JP-BI

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC707JP BURR-BROWN-DAC707JP Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

同様の説明 - DAC707JP-BI

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com