データシートサーチシステム |
|
DAC707KP データシート(PDF) 11 Page - Texas Instruments |
|
DAC707KP データシート(HTML) 11 Page - Texas Instruments |
11 / 13 page 11 ® DAC707/708/709 FIGURE 10. Serial Loading of Electrically Isolated DAC708/709. 2.2k Ω Carry Out QA QB QC QD A B C D ENT ENP Load No Connection +5V Synchronous Binary Counter 74LS161A DD V Analog Output + + + + 2.2µF 0.001µF 1/4 74LS00 CLR CK DD V DD V DD V DD V TIL117 330 330 DATA STROBE Serial Input (16-Bit Data Stream) 1/6 7407 1/6 7407 1/6 7407 RESET DATA STROBE Serial Input A 2 Analog Output Isolation Barrier V 2.2k 1/4 74LS00 1/4 74LS00 AA A CS 21 0 CLR WR DO Ω Ω Ω 330 Ω 2.2k Ω 2.2k Ω + – Isolated Power Supply Power Supply Voltage 24 3 1 16 15 14 10k Ω V V DD DD DD In DAC708 or DAC709 ... ... V 1 OUT A 0 A 1 WR DAC707 V 2 OUT A 0 A 1 WR DAC707 Base Address Decoder CS 2 CS 1 16-Bit Data Bus 16-Bit Address Bus D 16 WR D 0 A 15 A 1 A 0 µP FIGURE 11. Connecting Multiple DAC707s to a 16-Bit Microprocessor. |
同様の部品番号 - DAC707KP |
|
同様の説明 - DAC707KP |