データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC707KP-BI データシート(PDF) 8 Page - Texas Instruments

部品番号 DAC707KP-BI
部品情報  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC707KP-BI データシート(HTML) 8 Page - Texas Instruments

Back Button DAC707KP-BI Datasheet HTML 4Page - Texas Instruments DAC707KP-BI Datasheet HTML 5Page - Texas Instruments DAC707KP-BI Datasheet HTML 6Page - Texas Instruments DAC707KP-BI Datasheet HTML 7Page - Texas Instruments DAC707KP-BI Datasheet HTML 8Page - Texas Instruments DAC707KP-BI Datasheet HTML 9Page - Texas Instruments DAC707KP-BI Datasheet HTML 10Page - Texas Instruments DAC707KP-BI Datasheet HTML 11Page - Texas Instruments DAC707KP-BI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
®
DAC707/708/709
8
VOLTAGE OUTPUT MODELS
Analog Output
Analog Output
Unipolar, 0 to +10V(1)
Bipolar,
±10V
Bipolar,
±5V
16-Bit
15-Bit
14-Bit
Units
16-Bit
15-Bit
14-Bit
16-Bit
15-Bit
14-Bit
Units
One LSB
153
305
610
µV
One LSB
305
610
1224
153
305
610
µV
FFFFH
+9.99985
+9.99969
+9.99939
V
7FFFH
+9.99960
+9.99939
+9.99878
+4.99980
+4.99970
+4.99939
V
0000H
0
0
0
V
8000H
–10.0000
–10.0000
–10.0000
–5.0000
–5.0000
–5.0000
V
CURRENT OUTPUT MODELS
Analog Output
Analog Output
Unipolar, 0 to –2mA(1)
Bipolar,
±1mA
16-Bit
15-Bit
14-Bit
Units
16-Bit
15-Bit
14-Bit
Units
One LSB
0.031
0.061
0.122
µA
One LSB
0.031
0.061
0.122
µA
FFFFH
–1.99997
–1.99994
–1.99988
mA
7FFFH
–0.99997
–0.99994
–0.99988
mA
0000H
0
0
0
mA
8000H
+1.00000
+1.00000
+1.00000
mA
Digital
Input
Code
Digital
Input
Code
Digital
Input
Code
Digital
Input
Code
TABLE II. Digital Input and Analog Output Voltage/Current Relationships.
NOTE: (1) MSB assumed to be inverted externally.
INTERFACE LOGIC AND TIMING
DAC708/709
The signals CHIP SELECT (CS), WRITE (WR), register
enables (A
0, A1, and A2) and CLEAR (CLR), provide the
control functions for the microprocessor interface. They are
all active in the “low” or logic “0” state. CS must be low to
access any of the registers. A
0 and A1 steer the input 8-bit
data byte to the low- or high-byte input latch respectively. A
2
gates the contents of the two input latches through to the D/A
latch in parallel. The contents are then applied to the input of
the D/A converter. When WR goes low, data is strobed into
the latch or latches which have been enabled.
The serial input mode is activated when both A
0 and A1 are
logic “0” simultaneously. The D0 (D8)/SI input data line
accepts the serial data MSB first. Each bit is clocked in by
a WR pulse. Data is strobed through to the D/A latch by A
2
going to logic “0” the same as in the parallel input mode.
Each of the latches can be made “transparent” by maintain-
ing its enable signal at logic “0”. However, as stated above,
when both A
0
and A
1
are logic “0” at the same time, the
serial mode is selected.
The CLR line resets both input latches to all zeros and sets
the D/A latch to 0000
H. This is the binary code that gives a
null, or zero, at the output of the D/A in the bipolar mode.
In the unipolar mode, activating CLR will cause the output
to go to one-half of full scale.
The maximum clock rate of the latches is 10MHz. The
minimum time between write (WR) pulses for successive
enables is 20ns. In the serial input mode (DAC708 and
DAC709), the maximum rate at which data can be clocked
into the input shift register is 10MHz.
The timing of the control signals is given in Figure 6.
DAC707
The DAC707 interface timing is the same as that described
above except instead of two 8-bit separately-enabled input
latches, it has a single 16-bit input latch enabled by A
0. The
TIMING DIAGRAM
D0-D15, SI
WR
CS
t
CW
t
DW
A
0, A1, A2
t
AW
t
DH
t
WP
LOGIC TIMING - Parallel or Serial Data Input Over Temperature
ns, min
ns, max
TDW
Data valid to end of WR
80
TCW
CS valid to end of WR
80
TAW
A0, A1, A2 valid to end of WR
80
TWP
Write pulse width
80
TDH
Data hold after end of WR
0
FIGURE 6. Logic Timing Diagram.
D/A latch is enabled by A
1
. Also, there is no serial-input
mode and no CHIP SELECT (CS) line.
INSTALLATION
CONSIDERATIONS
Due to the extremely-high accuracy of the D/A converter,
system design problems such as grounding and contact
resistance become very important. For a 16-bit converter
with a +10V full-scale range, 1LSB is 153
µV. With a load
current of 5mA, series wiring and connector resistance of
only 30m
Ω will cause the output to be in error by 1LSB. To
understand what this means in terms of a system layout, the
resistance of typical 1 ounce copper-clad printed circuit
board material is approximately 1/2m
Ω per square. In the
example above, a 10 milliinch-wide conductor 60 milliinches
long would cause a 1LSB error.


同様の部品番号 - DAC707KP-BI

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC707KP-3 BURR-BROWN-DAC707KP-3 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

同様の説明 - DAC707KP-BI

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com