データシートサーチシステム |
|
CAT1024ZD4I-42T3 データシート(PDF) 6 Page - ON Semiconductor |
|
CAT1024ZD4I-42T3 データシート(HTML) 6 Page - ON Semiconductor |
6 / 20 page CAT1024, CAT1025 Doc. No. MD-3008 Rev. R 6 © 2009 SCILLC. All rights reserved. Characteristics subject to change without notice RESET CIRCUIT AC CHARACTERISTICS Symbol Parameter Test Conditions Min Typ Max Units tPURST Power-Up Reset Timeout Note 2 130 200 270 ms tRDP VTH to RESET Output Delay Note 3 5 µs tGLITCH VCC Glitch Reject Pulse Width Note 4, 5 30 ns MR Glitch Manual Reset Glitch Immunity Note 1 100 ns tMRW MR Pulse Width Note 1 5 µs tMRD MR Input to RESET Output Delay Note 1 1 µs POWER-UP TIMING (5), (6) Symbol Parameter Test Conditions Min Typ Max Units tPUR Power-Up to Read Operation 270 ms tPUW Power-Up to Write Operation 270 ms AC TEST CONDITIONS RELIABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Max Units NEND (5) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR (5) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP (5) ESD Susceptibility MIL-STD-883, Test Method 3015 2000 Volts ILTH (5)(7) Latch-Up JEDEC Standard 17 100 mA Notes: (1) Test Conditions according to “AC Test Conditions” table. (2) Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table (3) Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table (4) VCC Glitch Reference Voltage = VTHmin; Based on characterization data (5) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. (6) tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated. (7) Latch-up protection is provided for stresses up to 100 mA on input and output pins from -1 V to VCC + 1 V. Parameter Test Conditions Input Pulse Voltages 0.2 x VCC to 0.8 x VCC Input Rise and Fall Times 10 ns Input Reference Voltages 0.3 x VCC, 0.7 x VCC Output Reference Voltages 0.5 x VCC Output Load Current Source: IOL = 3 mA; CL = 100 pF |
同様の部品番号 - CAT1024ZD4I-42T3 |
|
同様の説明 - CAT1024ZD4I-42T3 |