データシートサーチシステム |
|
1N4755A データシート(PDF) 1 Page - Vishay Siliconix |
|
1N4755A データシート(HTML) 1 Page - Vishay Siliconix |
1 / 4 page 1N4728A to 1N4764A www.vishay.com Vishay Semiconductors Rev. 2.3. 13-Nov-12 1 Document Number: 85816 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Zener Diodes FEATURES • Silicon planar power Zener diodes • For use in stabilizing and clipping circuits with high power rating • Standard Zener voltage tolerance is ± 5 % • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Voltage stabilization PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 3.3 to 100 V Test current IZT 2.5 to 76 mA VZ specification Thermal equilibrium Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY 1N4728A to 1N4764A 1N4728A to 1N4764A -series-TR 5000 per 13" reel 25 000/box 1N4728A to 1N4764A 1N4728A to 1N4764A-series-TAP 5000 per ammopack (52 mm tape) 25 000/box PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS DO-41 310 mg UL 94 V-0 MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature Ptot 1300 mW Zener current IZ PV/VZ mA Thermal resistance junction to ambient air Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature RthJA 110 K/W Junction temperature Tj 175 °C Storage temperature range Tstg - 65 to + 175 °C Forward voltage (max.) IF = 200 mA VF 1.2 V |
同様の部品番号 - 1N4755A |
|
同様の説明 - 1N4755A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |