データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54AD-G データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 BAT54AD-G
部品情報  200mW Surface Mount Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54AD-G データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT54AD-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54AD-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54AD-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54AD-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version : A13
Small Signal Product
RATINGS AND CHARACTERISTIC CURVES
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
VF, Instantaneous Forward Voltage (V)
Fig. 1 Forward Characteristics
TA= -40oC
TA=0oC
TA=25oC
TA=75oC
0.001
0.010
0.100
1.000
10.000
100.000
0
102030
VR, Instantaneous Reverse Voltage (V)
Fig. 2 Typical Reverse Characteristics
TA=125o
TA=75oC
TA=25oC
TA=0oC
0
100
200
0
25
50
75
100
125
150
TA, Ambient Temperature (°C)
Fig. 4 Power Derating Curve
1
10
100
0
5
10
15
20
25
30
VR, Reverse Voltage (V)
Fig. 3
Fig. 3 Capacitance Between Terminals Characteristics
TA=125o


同様の部品番号 - BAT54AD-G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
BAT54AD TSC-BAT54AD Datasheet
155Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAT54ADW LUGUANG-BAT54ADW Datasheet
276Kb / 2P
   Surface Mount Schottky Barrier Diode Arrays
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
SHENZHEN YONGERJIA INDU...
BAT54ADW WINNERJOIN-BAT54ADW Datasheet
102Kb / 1P
   SCHOTTKY DIODE
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
More results

同様の説明 - BAT54AD-G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT54T TSC-BAT54T_14 Datasheet
155Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54W TSC-BAT54W_14 Datasheet
130Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Shunye Enterprise
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
   200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com