データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744775330 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 744775330
部品情報  WE-ASI SMD Wire Wound Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

744775330 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  744775330 Datasheet HTML 1Page - List of Unclassifed Manufacturers 744775330 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WE-ASI SMD Wire Wound Inductor
Characteristics:
Specially designed for sensors and actuators
Highest possible current in the smallest case size
High self resonant frequency
Operating temperature: –40 ºC to +125 ºC
Recommended solder profile: Reflow
Applications:
ASI-applications
Filter applications in kHz frequency range
Dimensions
Size
A
(mm)
B
(mm)
C
(mm)
D
(mm)
E
(mm)
F
(mm)
G
(mm)
Download
Sensor
7.0
8.0
5.0
3.0
Type M (Actuator)
9.0
10.2
6.5
3.5
Type L (Actuator)
18.54
15.24
12.0
13.3
13.2
2.54
2.54
Electrical properties
Sensor
Order Code
L
(mH)
IR
(A)
Isat
(A)
RDC
(
Ω)
RDC typ
(
Ω)
C
(pF)
fres
(kHz)
744775330
3.0
0.24
0.12
10.0
8.2
10
900
744775347
4.7
0.20
0.10
13.8
11.5
11
700
744775360
6.0
0.18
0.09
18.0
16.7
12
600
744775380
8.0
0.14
0.09
25.0
23.3
11
700
744775318
18
0.08
0.05
72.0
57.7
9
400
Electrical properties
Type M (Actuator)
Order Code
L
(mH)
IR
(A)
Isat
(A)
RDC
(
Ω)
RDC typ
(
Ω)
C
(pF)
fres
(kHz)
744776333
3.0
0.35
0.40
7.0
5.6
10
900
744776347
4.7
0.25
0.30
12.0
11.5
13
650
744776360
6.0
0.23
0.27
14.0
16.7
13
570
744776381
8.0
0.20
0.20
16.0
15.4
13
500
Electrical properties
Type L (Actuator)
Order Code
L
(mH)
IR
(A)
Isat
(A)
RDC
(
Ω)
RDC typ
(
Ω)
C
(pF)
fres
(kHz)
Page 1 of 2
WE Product Catalogue eiSos - WE-ASI SMD Wire Wound Inductor
5/8/2012
http://katalog.we-online.de/kataloge/eisos/?language=en&id=754&artikelnr=744775318


同様の部品番号 - 744775330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744775330 WURTH-744775330 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
More results

同様の説明 - 744775330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744775360 WURTH-744775360 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458303 WURTH-74458303 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
744776381 WURTH-744776381 Datasheet
807Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776360 WURTH-744776360 Datasheet
1,013Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775347 WURTH-744775347 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775380 WURTH-744775380 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776347 WURTH-744776347 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458308 WURTH-74458308 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com