データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3100R20-27PW データシート(PDF) 2 Page - ITT Industries

部品番号 CA3100R20-27PW
部品情報  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100R20-27PW データシート(HTML) 2 Page - ITT Industries

  CA3100R20-27PW Datasheet HTML 1Page - ITT Industries CA3100R20-27PW Datasheet HTML 2Page - ITT Industries CA3100R20-27PW Datasheet HTML 3Page - ITT Industries CA3100R20-27PW Datasheet HTML 4Page - ITT Industries CA3100R20-27PW Datasheet HTML 5Page - ITT Industries CA3100R20-27PW Datasheet HTML 6Page - ITT Industries CA3100R20-27PW Datasheet HTML 7Page - ITT Industries CA3100R20-27PW Datasheet HTML 8Page - ITT Industries CA3100R20-27PW Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ittcannon.com
168
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Performance and Material Specifications
High Voltage Cartridges for MS-E and MS-R (HV310*E/R Series)
For class E, R and F connectors, satisfactory mois-
ture sealing will be obtained if AWG and MS wire
sizes and insulation outside diameters are governed
by this table.
Test current ratings of contacts and allowable
voltage drop under test conditions when assembled
as in service are shown below. Maximum total
current to be carried per connector is the same as
the allowable in wire bundles as specified in MIL-
W-5088.
Pin and socket contacts are designed to resist severe vibration and repeated connection and disconnection.
The average force to either engage or separate pin and socket contacts will not exceed the average values
given in the latest revision of MIL-C-5015.
Sizes 12 and 16 contacts, machined from matching thermocouple lead wire alloys, can be supplied in
ITT Cannon connectors. These thermocouple contacs maintain continuity from thermal-sensor leads thru a
bulkhead of other closures in temperature measuring applications.
These contacts for matching lead wires are detailed by the standards of the Instrument Society of America
(I.S.A);
Since the thermocouple connector applications determines the soldering methods and materials to be used,
thermocouple contacts, identified by permanent markings, are normally supplied with untinned solder pots.
Thermocouple contacts are supplied only in connectors having resilient insulators.
MS connectors show no evidence of breakdown when the test voltage given below is applied between the
two closest contacts and between the shell and the contacts closest to the shell for a period of one minute.
MATERIALS AND FINISHES
ELECTRICAL SERVICE DATA
WIRING
CONTACTS
THERMOCOUPLE CONTACTS
HIGH POTENTIAL TEST VOLTAGE
Shell
Contact
Size
Test Current
(amps)
Potential Drop
(millivolts)
Contact Size
FORCE
In lbs.
Material
Finish
Aluminum alloy
O.D. Chromate coating
over cadmium plating
Polychloroprene (resilient)
Brass or copper alloy
Silver plate
Tinned solder pot
16
12
8
4
0
16
12
8
4
0
13
23
46
80
150
49
42
26
23
21
Maximum
Average
Minimum
3.00
2.10
.25
J and Y
K
T
Inst.
A
D
E
B
C
* As indicated in previous MS Specification and to be used by designer only as a guide.
Standard contact arrangements are adaptable to
high voltage applications.
Eliminates need for a separate high voltage
connector.
Assembly time is reduced.
1000
2000
2800
3500
4500
7000
250
700
1250
1750
2450
4200
200
500
900
1250
1750
3000
1/16
1/8
3/16
1/4
5/16
1/16
1/8
3/16
1/4
5/16
1
Iron and constantan
Chromel and alumel
Copper and constantan
5.00
3.50
.50
10.00
7.00
.75
15.00
10.50
1.00
20.00
14.00
2.00
16 thru 20
12 thru 14
8 thru 10
4 thru 6
0 thru 2
.064 (1.63) min. to .130 (3.30) max.
.114 (2.90) min. to .170 (4.32) max.
.164 (4.17) min. to .255 (6.48) max.
.275 (6.98) min. to .370 (9.40) max.
.415 (10.54) min. to .550 (13.97) max.
Material
Material
Finish
Termination
I.S.A Standards
MS
Service
Rating
Suggested *
Operating Voltages
DC
AC (rms)
Test
Voltage
(RMS]
60 cps
Air
Spacing
Nom.
(inches)
Creepage
Distance
Nom.
(inches)
Material
Contact Sizes
8
16
12
4
0
Wire Size
(MIL-W-5086)
Insulation OD Limit
(inches)
Insulator
Contacts
High voltage conductors as well as power and/or
control signal conductors can now be connected
simultaneously in standard MS connectors. Previ-
ously, MS connectors involved in high voltage cir-
cuitry required individual design considerations and
could only be ordered as a "special." The new high
voltage cartridge allows conversion of a standard
connectors to one capable of handling up to 15,000
volts DC (Test Voltage - mated), operating voltage
- See level 5,000 VDC or 3,500 VAC. These
cartridges are molded of nylon and provide as high
degree
of
arc-over
protection
between
adjacent
contacts or between a contact and the connector
shell. Unmated, each cartridge provides a nylon
isolating
barrier
capable
of
withstanding
up
to
10,000 volts DC (or peak).
The contact within the cartridge is a 7.5 amp. size
20, crimp snap-in type with dielectric rear release
clip retention. This contact is removable with the
plastic
CIET20
insertion/extraction
tool
provided
the insulation is .084 (22.45) or less. The contact
may be crimped with the standard MS-3191 tool
and MS-3191-20A locator and hand inserted into
the nylon cartridge. The cartridge body is installed
in the connector at the factory.
High voltage cartridges now available fit the space
normally occupied by a #4 o #8 size contact in an
MS-E, MS-R or MS-F type connector.
Over forty-nine contact arrangements are currently
available in which these high voltage cartridges may
be used. Contsult factory for ordering information.


同様の部品番号 - CA3100R20-27PW

メーカー部品番号データシート部品情報
logo
ITT Industries
CA3100R20-27PWF80 ITT-CA3100R20-27PWF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
More results

同様の説明 - CA3100R20-27PW

メーカー部品番号データシート部品情報
logo
ITT Industries
CA3106R20-27PW ITT-CA3106R20-27PW Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com