データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3101B18-8P データシート(PDF) 3 Page - ITT Industries

部品番号 CA3101B18-8P
部品情報  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3101B18-8P データシート(HTML) 3 Page - ITT Industries

  CA3101B18-8P Datasheet HTML 1Page - ITT Industries CA3101B18-8P Datasheet HTML 2Page - ITT Industries CA3101B18-8P Datasheet HTML 3Page - ITT Industries CA3101B18-8P Datasheet HTML 4Page - ITT Industries CA3101B18-8P Datasheet HTML 5Page - ITT Industries CA3101B18-8P Datasheet HTML 6Page - ITT Industries CA3101B18-8P Datasheet HTML 7Page - ITT Industries CA3101B18-8P Datasheet HTML 8Page - ITT Industries CA3101B18-8P Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
A-74
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
How to Order
SERIES PREFIX
MS – Complies with Military
Specification MIL-C-5015
CA – Cannon prefix
CAR – RoHS Compliant (Black Zinc Only)
SHELL STYLE
3100 – Wall Mounting Receptacle
(A version only)
3101 – Cable Connector Receptacle
(A version only)
3102 – Box Mounting Receptacle
3106 – Straight Plug
3108 – 90° Angle Plug
(B version only)
CLASS
A – Solid or one-piece endbell
B – Split or two-piece endbell
SHELL SIZE
Coupling thread diameter in
sixteenths of an inch
CONTACT ARRANGEMENTS
Refer to page B-5
CONTACT TYPE
P – Pin
S – Socket
ALTERNATE INSERT POSITIONS
Refer to page 4
MODIFICATIONS
A206 (RoHS) Black Zinc Plating
Contact Cannon for other options.
For more information, please
contact your local Cannon sales office.
CA /MS A&B
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 74


同様の部品番号 - CA3101B18-8P

メーカー部品番号データシート部品情報
logo
ITT Industries
CA3101B18-8P ITT-CA3101B18-8P Datasheet
1Mb / 5P
   Circular Connectors
CA3101B18-8P ITT-CA3101B18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

同様の説明 - CA3101B18-8P

メーカー部品番号データシート部品情報
logo
ITT Industries
CA3106F24-10SF80 ITT-CA3106F24-10SF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com