データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3106B18-8P データシート(PDF) 2 Page - ITT Industries

部品番号 CA3106B18-8P
部品情報  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3106B18-8P データシート(HTML) 2 Page - ITT Industries

  CA3106B18-8P Datasheet HTML 1Page - ITT Industries CA3106B18-8P Datasheet HTML 2Page - ITT Industries CA3106B18-8P Datasheet HTML 3Page - ITT Industries CA3106B18-8P Datasheet HTML 4Page - ITT Industries CA3106B18-8P Datasheet HTML 5Page - ITT Industries CA3106B18-8P Datasheet HTML 6Page - ITT Industries CA3106B18-8P Datasheet HTML 7Page - ITT Industries CA3106B18-8P Datasheet HTML 8Page - ITT Industries CA3106B18-8P Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
A-73
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
CA/MS 3100A wall mounting recepta-
cles are used to carry wires through
walls or bulkheads, or to provide the
means of disconnection at a bulk-
head. CA/MS 3100A receptacles mate
with CA/MS 3106 and 3108 plugs.
CA/MS
3101A
cable
connecting
receptacles
are
used
for
cable
extension
requirements
where
mounting provisions are unnecessary.
CA/MS 3101A plugs mate with
3106A/B and 3108B connectors.
Note: The D revision of MIL-C-5015
has changed the nomenclature of the
3101 from receptacle to plugs.
CA/MS 3102A box mounted recepta-
cles are used in junction boxes or as
an integral part of equipment. CA/MS
3102A receptacles will mate with
3106 and 3108 plugs.
CA/MS 3106A straight plug utilizes a
solid endbell. The CA/MS 3106A
mates with 3100, 3101, and 3102
connectors
CA/MS 3106B is identical to the
3106A straight plug except it utilizes
a split endbell. CA/MS 3106B mates
with 3100, 3101, and 3102 connec-
tors.
CA/MS 3108B 90° angle plugs are
used where there is limited space ad
where wires must be brought at
abrupt angles. This plug will mate
with 3100, 3101, and 3102 connec-
tors.
MS A&B
Introduction
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 73


同様の部品番号 - CA3106B18-8P

メーカー部品番号データシート部品情報
logo
ITT Industries
CA3106B18-8P ITT-CA3106B18-8P Datasheet
1Mb / 5P
   Circular Connectors
CA3106B18-8P ITT-CA3106B18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
More results

同様の説明 - CA3106B18-8P

メーカー部品番号データシート部品情報
logo
ITT Industries
CA3106E2821PF80 ITT-CA3106E2821PF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com