データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8044AR-14 データシート(PDF) 4 Page - Analog Devices

部品番号 AD8044AR-14
部品情報  Quad 150 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8044AR-14 データシート(HTML) 4 Page - Analog Devices

  AD8044AR-14 Datasheet HTML 1Page - Analog Devices AD8044AR-14 Datasheet HTML 2Page - Analog Devices AD8044AR-14 Datasheet HTML 3Page - Analog Devices AD8044AR-14 Datasheet HTML 4Page - Analog Devices AD8044AR-14 Datasheet HTML 5Page - Analog Devices AD8044AR-14 Datasheet HTML 6Page - Analog Devices AD8044AR-14 Datasheet HTML 7Page - Analog Devices AD8044AR-14 Datasheet HTML 8Page - Analog Devices AD8044AR-14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8044–SPECIFICATIONS
AD8044A
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth, VO < 0.5 V p-p
G = +1
85
160
MHz
Bandwidth for 0.1 dB Flatness
G = +2, RL = 150
W
15
MHz
Slew Rate
G = –1, VO = 8 V Step
150
190
V/
ms
Full Power Response
VO = 2 V p-p
29
MHz
Settling Time to 0.1%
G = –1, VO = 2 V Step
30
ns
Settling Time to 0.01%
40
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, G = +2
–72
dB
Input Voltage Noise
f = 10 kHz
16
nV/
÷Hz
Input Current Noise
f = 10 kHz
900
fA/
÷Hz
Differential Gain Error (NTSC)
G = +2, RL = 150
W
0.06
%
Differential Phase Error (NTSC)
G = +2, RL = 150
W
0.15
Degrees
Crosstalk
f = 5 MHz, RL = 1 k
W, G = +2
–60
dB
DC PERFORMANCE
Input Offset Voltage
1.4
6.5
mV
TMIN–TMAX
9mV
Offset Drift
10
mV/∞C
Input Bias Current
2
4.5
mA
TMIN–TMAX
4.5
mA
Input Offset Current
0.2
1.2
mA
Open-Loop Gain
RL = 1 k
W
82
96
dB
TMIN–TMAX
92
dB
INPUT CHARACTERISTICS
Input Resistance
225
k
W
Input Capacitance
1.6
pF
Input Common-Mode Voltage Range
–5.2 to 4
V
Common-Mode Rejection Ratio
VCM = –5 V to 3.5 V
76
90
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 k
W
–4.97 to +4.97
V
Output Voltage Swing:
RL = 1 k
W
–4.6 to +4.6
–4.85 to +4.85
V
Output Voltage Swing:
RL = 150
W
–4.0 to +3.8
–4.5 to +4.5
V
Output Current
TMIN–TMAX, VOUT = –4.5 V to +4.5 V
30
mA
Short Circuit Current
Sourcing
60
mA
Sinking
100
mA
Capacitive Load Drive
G = +2
40
pF
POWER SUPPLY
Operating Range
312
V
Quiescent Current
11.5
13.6
mA
Power Supply Rejection Ratio
VS = –5, +5 V,
±1 V
70
80
dB
OPERATING TEMPERATURE RANGE
–40
+85
∞C
Specifications subject to change without notice.
REV. B
–4–
(@ TA = +25 C, VS =
5 V, RL = 2 k
to 0 V, unless otherwise noted.)


同様の部品番号 - AD8044AR-14

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8044AR-14 AD-AD8044AR-14 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14-REEL AD-AD8044AR-14-REEL Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
More results

同様の説明 - AD8044AR-14

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR AD-AD8044AR Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044_04 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com