データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC104S021CIMMX データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC104S021CIMMX
部品情報  4 Channel, 200 kSPS, 10-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC104S021CIMMX データシート(HTML) 3 Page - National Semiconductor (TI)

  ADC104S021CIMMX Datasheet HTML 1Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 2Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 3Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 4Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 5Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 6Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 7Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 8Page - National Semiconductor (TI) ADC104S021CIMMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage V
A
−0.3V to 6.5V
Voltage on Any Pin to GND
−0.3V to V
A +0.3V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current(Note 3)
±20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
A Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
−0.3V to V
A
Clock Frequency
0.8 MHz to 3.2 MHz
Analog Input Voltage
0V to V
A
Package Thermal Resistance
Package
θ
JA
10-lead MSOP
190˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 6)
ADC104S021 Converter Electrical Characteristics (Note 9)
The following specifications apply for V
A = +2.7V to 5.25V, GND = 0V, CL = 50 pF, fSCLK = 0.8 MHz to 3.2 MHz,
f
SAMPLE = 50 kSPS to 200 kSPS, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX; all other limits TA =
25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10
Bits
INL
Integral Non-Linearity
±0.13
+0.3
LSB (max)
−0.4
LSB (min)
DNL
Differential Non-Linearity
±0.13
±0.4
LSB (max)
V
OFF
Offset Error
+0.1
±0.4
LSB (max)
OEM
Channel to Channel Offset Error
Match
±0.02
±0.5
LSB (max)
FSE
Full-Scale Error
−0.1
±0.7
LSB (max)
FSEM
Channel to Channel Full-Scale Error
Match
+0.02
±0.5
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
V
A = +2.7 to 5.25V
f
IN = 39.9 kHz, −0.02 dBFS
61.8
61
dB (min)
SNR
Signal-to-Noise Ratio
V
A = +2.7 to 5.25V
f
IN = 39.9 kHz, −0.02 dBFS
61.8
61.3
dB (min)
THD
Total Harmonic Distortion
V
A = +2.7 to 5.25V
f
IN = 39.9 kHz, −0.02 dBFS
−86
−72
dB (max)
SFDR
Spurious-Free Dynamic Range
V
A = +2.7 to 5.25V
f
IN = 39.9 kHz, −0.02 dBFS
82
75
dB (min)
ENOB
Effective Number of Bits
V
A = +2.7 to 5.25V
f
IN = 39.9 kHz, −0.02 dBFS
9.9
9.8
Bits (min)
Channel-to-Channel Crosstalk
V
A = +5.25V
f
IN = 39.9 kHz
−87
dB
IMD
Intermodulation Distortion, Second
Order Terms
V
A = +5.25V
f
a = 40.161 kHz, fb = 41.015 kHz
−82
dB
Intermodulation Distortion, Third
Order Terms
V
A = +5.25V
f
a = 40.161 kHz, fb = 41.015 kHz
−81
dB
FPBW
-3 dB Full Power Bandwidth
V
A = +5V
11
MHz
V
A = +3V
8
MHz
www.national.com
3


同様の部品番号 - ADC104S021CIMMX

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC104S021CIMMX/NOPB TI1-ADC104S021CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results

同様の説明 - ADC104S021CIMMX

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC124S021 NSC-ADC124S021 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19