データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS50P05G データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS50P05G
部品情報  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS50P05G データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS50P05G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS50P05G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS50P05G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Min
Max
Min
Max
A
29.70
30.30
1.169
1.193
B
2.30
2.70
0.091
0.106
C
2.00
2.40
0.079
0.094
D
0.90
1.10
0.035
0.043
E
9.80
10.20
0.386
0.402
F
7.30
7.70
0.287
0.303
G
19.70
20.30
0.776
0.799
H
-
4.80
-
0.189
I
3.80
4.20
0.150
0.165
J
17.00
18.00
0.669
0.709
K
4.40
4.80
0.173
0.189
L
3.40
3.80
0.134
0.150
M
10.80
11.20
0.425
0.441
N
3.10
3.40
0.122
0.134
O
2.50
2.90
0.098
0.114
P
0.60
0.70
0.024
0.028
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number:DS_D1312012
Version:C13
MARKING DIAGRAM
TS50P05G thru TS50P07G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit(mm)
Unit(inch)
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


同様の部品番号 - TS50P05G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS50P05G TSC-TS50P05G Datasheet
234Kb / 4P
   Glass Passivated Bridge Rectifiers
TS50P05G TSC-TS50P05G Datasheet
210Kb / 4P
   50A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS50P05G TSC-TS50P05G_15 Datasheet
234Kb / 4P
   Glass Passivated Bridge Rectifiers
TS50P05G TSC-TS50P05G_16 Datasheet
210Kb / 4P
   50A, 600V - 1000V Glass Passivated Bridge Rectifiers
More results

同様の説明 - TS50P05G

メーカー部品番号データシート部品情報
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com