データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFD182G45DP3A299 データシート(PDF) 11 Page - Murata Manufacturing Co., Ltd.

部品番号 LFD182G45DP3A299
部品情報  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFD182G45DP3A299 データシート(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button LFD182G45DP3A299 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFD182G45DP3A299 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFD182G45DP3A299 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LFD182G45DP3A299 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LFD182G45DP3A299 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LFD182G45DP3A299 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LFD182G45DP3A299 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LFD182G45DP3A299 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. LFD182G45DP3A299 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Filters for Communication Equipment
7
Part Number
Center
Frequency
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
VSWR
Input
Impedance
Output
Impedance
Continued from the preceding page.
SAFEH881MFM0F00
881.5
2.4 max.
(869MHz~894MHz)
1.5
(869MHz~894MHz)
1.9max.
(869MHz~894MHz)
50ohm
150ohm//82nH
SAFEF881MAL0F00
881.5
2.6 max.
(869MHz~894MHz)
1.4
(869MHz~894MHz)
1.7max.
(869MHz~894MHz)
50ohm
50ohm
SAFSD881MFL0T50
881.5
3 max.
(869MHz~894MHz)
1.4
(869MHz~894MHz)
2max.
(869MHz~894MHz)
50ohm
200ohm//82nH
o GSM850/GSM900 Dual Band
SAWEP881MCQ0F00(942.5)
Laser Printing
EIAJ Code
Marking :
∗ :
(1) :
(4) :
(8)(9) :
(6)(7) :
Others :
Input
Input
Output
Output
Ground
(in mm)
2.0
±0.1
(10)
(5)
(9)
(6)
(7)
(8)
(1)
(4)
(3)
(2)
(0.20)
6-0.27
±0.05
8-0.26
±0.05
0.45
±0.05
0.65
±0.05
(C0.15)
(0.075)
0.6 max.
Dot Marking
(ø0.3)
SAWES881MCQ0F00(942.5)
Input
Input
Output
Output
Ground
(1) :
(4) :
(8)(9) :
(6)(7) :
Others :
(in mm)
Dot Marking (ø0.3)
(0.2)
(3) (4)
(2)
(1)
(7) (6)
(8)
(9)
(C0.15)
M
2.5
±0.1
8-0.325
±0.050
2-0.70
±0.05
6-0.35
±0.05
Marking :
∗ :
Laser Printing
EIAJ Code
(10)
(5)
Pin
Part Number
Center
Frequency
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
VSWR
Input
Impedance
Output
Impedance
SAWEP881MCQ0F00(881.5)
881.5
2.0 max.
(869MHz~894MHz)
1.1
(869MHz~894MHz)
2.0max.
(869MHz~894MHz)
50ohm
150ohm//82nH
SAWEP881MCQ0F00(942.5)
942.5
2.4 max.
(925MHz~960MHz)
1.5
(925MHz~960MHz)
2.1max.
(925MHz~960MHz)
50ohm
150ohm//82nH
SAWEP881MCP0F00(881.5)
881.5
2.0 max.
(869MHz~894MHz)
1.1
(869MHz~894MHz)
2.0max.
(869MHz~894MHz)
50ohm
150ohm//82nH
SAWEP881MCP0F00(942.5)
942.5
2.4 max.
(925MHz~960MHz)
1.5
(925MHz~960MHz)
2.1max.
(925MHz~960MHz)
50ohm
150ohm//82nH
SAWES881MCQ0F00(881.5)
881.5
2.1 max.
(869MHz~894MHz)
1.0
(869MHz~894MHz)
1.9max.
(869MHz~894MHz)
50ohm
150ohm//68nH
SAWES881MCQ0F00(942.5)
942.5
2.9 max.
(925MHz~960MHz)
1.7
(925MHz~960MHz)
2.2max.
(925MHz~960MHz)
50ohm
150ohm//56nH
o GSM850/GSM1900 Dual Band
SAWES881MCU2F00(881.5)
Input
Input
Output
Output
Ground
(1) :
(4) :
(8)(9) :
(6)(7) :
Others :
(in mm)
Dot Marking (ø0.3)
(0.2)
(3) (4)
(2)
(1)
(7) (6)
(8)
(9)
(C0.15)
M
2.5
±0.1
8-0.325
±0.050
2-0.70
±0.05
6-0.35
±0.05
Marking :
∗ :
Laser Printing
EIAJ Code
(10)
(5)
Pin
SAWSP881MGA0T00(881.5)
M
Pin
Input (Low-ch)
Input (High-ch)
Output (Low-ch)
Output (High-ch)
Ground
(1) :
(3) :
(7) :
(5) :
Others :
(in mm)
Dot Marking (ø0.4)
(0.19)
(3)
(2)
(1)
(4)
(5)
(6)
(7)
(8)
(C0.3)
3.0
±0.2
4-1.50
±0.15
6-0.60
±0.15
4-0.65
±0.10
Marking :
∗ :
Laser Printing
EIAJ Code
R4-0.15
(0.44)
(0.40)
2-0.50
±0.10
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


同様の部品番号 - LFD182G45DP3A299

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
LFD182G45DP3A299 MURATA-LFD182G45DP3A299 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD182G45DP3A299 MURATA-LFD182G45DP3A299 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFD182G45DP3A299 MURATA1-LFD182G45DP3A299 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFD182G45DP3A299 MURATA1-LFD182G45DP3A299 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

同様の説明 - LFD182G45DP3A299

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com