データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT2907AT1 データシート(PDF) 2 Page - Motorola, Inc

部品番号 PZT2907AT1
部品情報  SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZT2907AT1 データシート(HTML) 2 Page - Motorola, Inc

  PZT2907AT1 Datasheet HTML 1Page - Motorola, Inc PZT2907AT1 Datasheet HTML 2Page - Motorola, Inc PZT2907AT1 Datasheet HTML 3Page - Motorola, Inc PZT2907AT1 Datasheet HTML 4Page - Motorola, Inc PZT2907AT1 Datasheet HTML 5Page - Motorola, Inc PZT2907AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PZT2907AT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(2)
DC Current Gain
(IC = – 0.1 mAdc, VCE = –10 Vdc)
(IC = –1.0 mAdc, VCE = –10 Vdc)
(IC = –10 mAdc, VCE = –10 Vdc)
(IC = –150 mAdc, VCE = –10 Vdc)
(IC = – 500 mAdc, VCE = –10 Vdc)
hFE
75
100
100
100
50
300
Collector-Emitter Saturation Voltages
(IC = –150 mAdc, IB = –15 mAdc)
(IC = – 500 mAdc, IB = – 50 mAdc)
VCE(sat)
– 0.4
–1.6
Vdc
Base-Emitter Saturation Voltages
(IC = –150 mAdc, IB = –15 mAdc)
(IC = – 500 mAdc, IB = – 50 mAdc)
VBE(sat)
–1.3
– 2.6
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain — Bandwidth Product (IC = – 50 mAdc, VCE = – 20 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance (VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cc
8.0
pF
Input Capacitance (VEB = – 2.0 Vdc, IC = 0, f = 1.0 MHz)
Ce
30
pF
SWITCHING TIMES
Turn-On Time
(VCC = – 30 Vdc, IC = –150 mAdc,
IB1 = –15 mAdc)
ton
45
ns
Delay Time
(VCC = – 30 Vdc, IC = –150 mAdc,
IB1 = –15 mAdc)
td
10
Rise Time
IB1 = –15 mAdc)
tr
40
Turn-Off Time
(VCC = – 6.0 Vdc, IC = –150 mAdc,
IB1 = IB2 = –15 mAdc)
toff
100
ns
Storage Time
(VCC = – 6.0 Vdc, IC = –150 mAdc,
IB1 = IB2 = –15 mAdc)
ts
80
Fall Time
IB1 = IB2 = –15 mAdc)
tf
30
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle = 2.0%.
Figure 1. Delay and Rise
Time Test Circuit
Figure 2. Storage and Fall
Time Test Circuit
INPUT
Zo = 50 Ω
PRF = 150 Hz
RISE TIME
≤ 2.0 ns
0
1.0 k
50
– 16 V
200 ns
– 30 V
200
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
0
1.0 k
50
– 30 V
200 ns
– 6.0 V
37
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
+15 V
1.0 k
1N916
INPUT
Zo = 50 Ω
PRF = 150 Hz
RISE TIME
≤ 2.0 ns


同様の部品番号 - PZT2907AT1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
PZT2907AT1 ONSEMI-PZT2907AT1_11 Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
More results

同様の説明 - PZT2907AT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Nanjing International G...
BCP51 DGNJDZ-BCP51 Datasheet
747Kb / 2P
   SOT-223 Package Outline Dimensions
logo
Shanghai Leiditech Elec...
LM857N5 LEIDITECH-LM857N5 Datasheet
700Kb / 3P
   General Purpose Transistor PNP Silicon Surface Mount Plastic Package
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com