データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19452 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19452
部品情報  AC/DC WLED Driver with Internal MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19452 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19452 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19452 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19452 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19452 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19452 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19452 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19452 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS19452
AC/DC WLED Driver with Internal MOSFET
Universal Switch Mode
2/7
Version: A12
Electrical Specifications (Ta = 25
oC, V
DRAIN= 50V, unless otherwise noted)
Function Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Internal Regulator
Internally Regulated Voltage
VDD
--
7.5
--
V
Drain Supply Voltage
VDRAIN
20
--
450
V
Undervoltage Lockout Threshold
UVLO
VDD rising
5
--
--
V
Undervoltage Lockout Hysteresis
∆UVLO
VDD falling
--
200
--
mV
Supply Current
IDD
VDD(EXT)=8.5V, VDRAIN=40V
--
--
400
µA
Output (Drain)
Breakdown Voltage
VBR
Note 1
550
--
--
V
On Resistance
RDSON
IDRAIN=100mA
--
--
100
Output Capacitance
CDRAIN
VDRAIN=400V
--
1.0
5.0
pF
MOSFET Saturation current
ISAT
--
--
120
mA
Current Sense Comparator
Threshold Current
ITH
Note 1
90
--
110
mA
Leading edge Blanking delay
TBLANK
Note 1,2
200
300
400
nS
Minimum Turn On-Time
TON(MIN)
--
--
650
nS
Off-Time Generator
Turn On-Time
TOFF
8
12
18
µS
Note 1: The specification which apply over the full operating ambient temperature range of -40ºC<TA<+85ºC
2: Guaranteed by design
Block Diagram


同様の部品番号 - TS19452

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRL TSC-TS19450CSRL Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRLG TSC-TS19450CSRLG Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

同様の説明 - TS19452

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
   AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
TS19460 TSC-TS19460_15 Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
YOBON TECHNOLOGIES,INC.
YB1521 YOBON-YB1521 Datasheet
701Kb / 9P
   High Power Step-Up DC-DC Converter & WLED Driver
logo
AiT Semiconductor Inc.
AP8275 AITSEMI-AP8275 Datasheet
863Kb / 15P
   QUASI-RESONANT AC-DC CONVERTER WITH INTERNAL HV
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com