データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1580 データシート(PDF) 5 Page - Analog Devices

部品番号 AD1580
部品情報  1.2 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1580 データシート(HTML) 5 Page - Analog Devices

  AD1580 Datasheet HTML 1Page - Analog Devices AD1580 Datasheet HTML 2Page - Analog Devices AD1580 Datasheet HTML 3Page - Analog Devices AD1580 Datasheet HTML 4Page - Analog Devices AD1580 Datasheet HTML 5Page - Analog Devices AD1580 Datasheet HTML 6Page - Analog Devices AD1580 Datasheet HTML 7Page - Analog Devices AD1580 Datasheet HTML 8Page - Analog Devices AD1580 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD1580
Rev. F | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
–2000
–1000
–500
0
500
1000
–1500
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
Figure 5. Output Drift for Different Temperature Characteristics
4
3
–1
2
1
0
REVERSE CURRENT (mA)
0.01
0.1
1
10
TA = +125°C
TA = –40°C TO +85°C
Figure 6. Reverse Voltage Change vs. Reverse Current
FREQUENCY (Hz)
600
200
400
1.0
10
100
1k
10k
100k
1M
Figure 7. Noise Spectral Density
REVERSE VOLTAGE (V)
100
0
40
20
80
60
–40°C
+85°C
+25°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Figure 8. Reverse Current vs. Reverse Voltage
FORWARD CURRENT (mA)
1.0
0
0.4
0.2
0.8
0.6
+25°C
+85°C
–40°C
0.01
0.1
1
10
100
Figure 9. Forward Voltage vs. Forward Current


同様の部品番号 - AD1580

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1580 AD-AD1580 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision
Rev. F
AD1580 AD-AD1580 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580 AD-AD1580 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART-REEL AD-AD1580ART-REEL Datasheet
368Kb / 12P
   1.2 V Micropower, Precision
Rev. F
More results

同様の説明 - AD1580

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581 AD-ADR1581 Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com