データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7741BR データシート(PDF) 7 Page - Analog Devices

部品番号 AD7741BR
部品情報  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7741BR データシート(HTML) 7 Page - Analog Devices

Back Button AD7741BR Datasheet HTML 3Page - Analog Devices AD7741BR Datasheet HTML 4Page - Analog Devices AD7741BR Datasheet HTML 5Page - Analog Devices AD7741BR Datasheet HTML 6Page - Analog Devices AD7741BR Datasheet HTML 7Page - Analog Devices AD7741BR Datasheet HTML 8Page - Analog Devices AD7741BR Datasheet HTML 9Page - Analog Devices AD7741BR Datasheet HTML 10Page - Analog Devices AD7741BR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
AD7741/AD7742
–7–
TERMINOLOGY
INTEGRAL NONLINEARITY
For the VFC, Integral Nonlinearity (INL) is a measure of the
maximum deviation from a straight line passing through the
actual endpoints of the VFC transfer function. The error is
expressed in % of the frequency span:
Frequency Span = fOUT(max) – fOUT(min)
OFFSET ERROR
This is a measure of the offset error of the VFC. Ideally, the
minimum output frequency (corresponding to minimum input
voltage) is 5% of fCLKIN The deviation from this value is the
offset error. It is expressed in terms of the error referred to the
input voltage. It is expressed in mV.
GAIN ERROR
This is a measure of the span error of the VFC. The gain is the
scale factor that relates the input VIN to the output fOUT. The
gain error is the deviation in slope of the actual VFC transfer
characteristic from the ideal expressed as a percentage of the
full-scale span.
OFFSET ERROR DRIFT
This is a measure of the change in Offset Error with changes in
temperature. It is expressed in
µV/°C.
GAIN ERROR DRIFT
This is a measure of the change in Gain Error with changes in
temperature. It is expressed in (ppm of span)/
°C.
POWER-SUPPLY REJECTION RATIO (PSRR)
This indicates how the output of the VFC is affected by changes
in the supply voltage. Again, this error is referred to the input
voltage. The input voltage is kept constant and the VDD supply
is varied
±5%. The ratio of the apparent change in input voltage
to the change in VDD is measured in dBs.
CHANNEL-TO-CHANNEL ISOLATION
This is a ratio of the amplitude of the signal at the input of one
channel to a sine wave on the input of another channel. It is
measured in dBs.
COMMON-MODE REJECTION
For the AD7742, the output frequency should remain un-
changed provided the differential input remains unchanged
although its common-mode level may change. The CMR is the
ratio of the apparent change in differential input voltage to the
actual change in common-mode voltage. It is expressed in dBs.
GENERAL DESCRIPTION
The AD7741/AD7742 are a new generation of CMOS synchro-
nous Voltage-to-Frequency Converters (VFCs) that use a
charge-balance conversion technique. The AD7741 is a single-
channel version and the AD7742 is a multichannel version. The
input voltage signal is applied to a proprietary programmable
gain front-end based around an analog modulator that converts
the input voltage into an output pulse train.
The parts also contain an on-chip +2.5 V bandgap reference
and operate from a single +5 V supply. A block diagram of the
AD7742 is shown in Figure 2.
INTEGRATOR
COMPARATOR
SWITCHED
CAPS
SWITCHED
CAPS
fOUT
INPUT
MUX
VIN1
VIN2
VIN3
VIN4
Figure 2. AD7742 Block Diagram
Input Amplifier Stage
The buffered input stage for the analog inputs presents a high
impedance, allowing significant external source impedances.
The four analog inputs (VIN1 through VIN4) each have a voltage
range from +0.5 V to VDD – 1.75 V. This is an absolute voltage
range and is relative to the GND pin.
In the case of the AD7742 multichannel part, a differential
multiplexer switches one of the differential input channels to the
VFC modulator. The multiplexer is controlled by two pins, A1
and A0. See Table I for channel configurations.
Table I. AD7742 Input Channel Selection
A1
A0
VIN(+)
VIN(–)
Type
00
VIN1VIN4
Pseudo Differential
01
VIN2VIN4
Pseudo Differential
10
VIN3VIN4
Full Differential
11
VIN1VIN2
Full Differential
Analog Input Ranges
The AD7741 has a unipolar single-ended input channel whereas
the AD7742 contains four input channels which may be con-
figured as two fully differential channels or as three pseudo-
differential channels. The AD7742 also has a X1/X2 gain
option on the front end. The channel and gain settings are
pin-programmable.
The AD7742 uses differential inputs to provide common-mode
noise rejection (i.e., the converted result will correspond to the
differential voltage between the two inputs). The absolute voltage
on both inputs must lie between +0.5 V and VDD –1.75 V.


同様の部品番号 - AD7741BR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7741BR AD-AD7741BR Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BR AD-AD7741BR Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BR AD-AD7741BR Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results

同様の説明 - AD7741BR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741 AD-AD7741_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12