データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8013AR-14-REEL データシート(PDF) 10 Page - Analog Devices

部品番号 AD8013AR-14-REEL
部品情報  Single Supply, Low Power, aTriple Video Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8013AR-14-REEL データシート(HTML) 10 Page - Analog Devices

Back Button AD8013AR-14-REEL Datasheet HTML 4Page - Analog Devices AD8013AR-14-REEL Datasheet HTML 5Page - Analog Devices AD8013AR-14-REEL Datasheet HTML 6Page - Analog Devices AD8013AR-14-REEL Datasheet HTML 7Page - Analog Devices AD8013AR-14-REEL Datasheet HTML 8Page - Analog Devices AD8013AR-14-REEL Datasheet HTML 9Page - Analog Devices AD8013AR-14-REEL Datasheet HTML 10Page - Analog Devices AD8013AR-14-REEL Datasheet HTML 11Page - Analog Devices AD8013AR-14-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8013
REV. A
–10–
4
+VS
AD8013
1.0µF
0.1µF
11
1.0µF
0.1µF
–VS
RG
RT
VIN
15
CL
VO
RF
RS
Figure 28. Circuit for Driving a Capacitive Load
Table II. Recommended Feedback and Series Resistors vs.
Capacitive Load and Gain
RS – Ohms
CL – pF
RF – Ohms
G = 2
G
≥ 3
20
2k
25
15
50
2k
25
15
100
3k
20
15
200
4k
15
15
300
6k
15
15
≥500
7k
15
15
10
0%
100
90
50ns
500mV
1V
VIN
VOUT
Figure 29. Pulse Response Driving a Large Load Capacitor.
CL = 300 pF, G = +2, RF = 6k, RS = 15
Overload Recovery
The three important overload conditions are: input common-
mode voltage overdrive, output voltage overdrive, and input
current overdrive. When configured for a low closed-loop gain,
the amplifier will quickly recover from an input common-
mode voltage overdrive; typically in under 25 ns. When con-
figured for a higher gain, and overloaded at the output, the
recovery time will also be short. For example, in a gain of +10,
with 15% overdrive, the recovery time of the AD8013 is about
20 ns (see Figure 30). For higher overdrive, the response is
somewhat slower. For 6 dB overdrive, (in a gain of +10), the
recovery time is about 65 ns.
10
0%
100
90
50ns
500mV
5V
VIN
VOUT
Figure 30. 15% Overload Recovery, G = +10 (RF = 300 Ω,
RL = 1 k
Ω, V
S =
±5 V)
As noted in the warning under “Maximum Power Dissipation,”
a high level of input overdrive in a high noninverting gain circuit
can result in a large current flow in the input stage. Though this
current is internally limited to about 30 mA, its effect on the
total power dissipation may be significant.
High Performance Video Line Driver
At a gain of +2, the AD8013 makes an excellent driver for a
back terminated 75
Ω video line (Figures 31, 32, and 33). Low
differential gain and phase errors and wide 0.1 dB bandwidth
can be realized. The low gain and group delay matching errors
ensure excellent performance in RGB systems. Figures 34 and
35 show the worst case matching.
75
75
VOUT
75
CABLE
75
75
CABLE
4
+VS
AD8013
0.1µF
11
0.1µF
–VS
RG
VIN
RF
Figure 31. A Video Line Driver Operating at a Gain of +2
(RF = RG from Table I)
FREQUENCY – Hz
1M
1G
10M
100M
–6
+1
0
–1
–2
–3
–4
–5
0
–90
–180
–270
G = +2
RL = 150Ω
VS = ±5V
VS = +5V
VS = +5V
VS = ±5V
GAIN
PHASE
Figure 32. Closed-Loop Gain & Phase vs. Frequency
for the Line Driver
FREQUENCY – Hz
1M
1G
10M
100M
+0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
G = +2
RL = 150Ω
VS = +5V
VS = ±5V
+0.2
Figure 33. Fine-Scale Gain Flatness vs. Frequency,
G = +2, RL = 150


同様の部品番号 - AD8013AR-14-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8013AR-14-REEL AD-AD8013AR-14-REEL Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013AR-14-REEL7 AD-AD8013AR-14-REEL7 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
More results

同様の説明 - AD8013AR-14-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
logo
Texas Instruments
OPA832 TI1-OPA832 Datasheet
753Kb / 30P
[Old version datasheet]   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA832 TI1-OPA832_15 Datasheet
755Kb / 30P
[Old version datasheet]   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com