データシートサーチシステム |
|
TMP03 データシート(PDF) 6 Page - Analog Devices |
|
TMP03 データシート(HTML) 6 Page - Analog Devices |
6 / 16 page TEMPERATURE – C 0 –75 10 V+ = 5V RLOAD = 10k 20 30 40 50 60 70 –25 25 75 125 175 TPC 1. Output Frequency vs. Temperature TEMPERATURE – C 0 –75 5 VS = 5V RLOAD = 10k 10 15 20 25 30 35 –25 25 75 125 175 40 45 T1 T2 TPC 2. T1 and T2 Times vs. Temperature TIME SCALE = 250ns/DIV SAMPLE ( T ) TA = 25 C VDD = 5V CLOAD = 100pF RLOAD = 1k RUNNING: 200MS/s ET CH 1 +WIDTH s Wfm DOES NOT CROSS REF CH 1 –WIDTH s Wfm DOES NOT CROSS REF CH 1 RISE s NO VALID EDGE CH 1 FALL 209.6ns TPC 3. TMP03 Output Fall Time at 25 °C SUPPLY VOLTAGE – Volts 0.97 4.5 TA = 25 C RLOAD = 10k 5 5.5 6 6.5 7 7.5 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 TPC 4. Normalized Output Frequency vs. Supply Voltage TIME SCALE = 1 s/DIV SAMPLE ( T ) TA = 25 C VDD = 5V CLOAD = 100pF RLOAD = 1k RUNNING: 50.0MS/s CH 1 +WIDTH s Wfm DOES NOT CROSS REF CH 1 –WIDTH s Wfm DOES NOT CROSS REF CH 1 RISE 500ns CH 1 FALL s NO VALID EDGE TPC 5. TMP03 Output Rise Time at 25 °C TIME SCALE = 1 s/DIV SAMPLE ( T ) TA = 125 C VDD = 5V CLOAD = 100pF RLOAD = 1k RUNNING: 50.0MS/s CH 1 +WIDTH s Wfm DOES NOT CROSS REF CH 1 –WIDTH s Wfm DOES NOT CROSS REF CH 1 RISE 5380ns CH 1 FALL s NO VALID EDGE TPC 6. TMP03 Output Rise Time at 125 °C REV. A –6– TMP03/TMP04–Typical Performance Characteristics |
同様の部品番号 - TMP03 |
|
同様の説明 - TMP03 |