データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST-0470-BBB-STD データシート(PDF) 2 Page - Bourns Electronic Solutions

部品番号 ST-0470-BBB-STD
部品情報  ST-0470 Series Sparctube??Switching Spark Gap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ST-0470-BBB-STD データシート(HTML) 2 Page - Bourns Electronic Solutions

  ST-0470-BBB-STD Datasheet HTML 1Page - Bourns Electronic Solutions ST-0470-BBB-STD Datasheet HTML 2Page - Bourns Electronic Solutions ST-0470-BBB-STD Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
ST-0470 Series SparctubeSwitching Spark Gap
Product Dimensions
ST-0470-BLx
How to Order
ST - 0470 - B x x - STD
Series
Designator
Switching Voltage
0470 = 470 V
Tolerance
B = 12 %
Lead Shape
B = Bent Leads
C = No Leads*
L = Straight Leads
Packaging
B = Bulk
T = Tape & Reel*
Standard or Modified Product Indicator
STD = Standard
*Leadless version available in bulk packaging
only.
Typical Part Marking
ST 0470 wwy ...... “wwy” = Week and
year of production
DIMENSIONS:
MM
(INCHES)
60.0 - 82.0
(2.362 - 3.228)
TINNED LEADS
METAL ELECTRODE
CERAMIC INSULATOR
8.0 +0.1/-0.3
(.315 +.004/-.012)
DIA.
8.0 +0.1/-0.3
(.315 +.004/-.012)
DIA.
1.0
(.039)
DIA.
5.8 ± 0.3
(.228 ± .012)
8.0 +0.1/-0.3
(.315 +.004/-.012)
DIA.
METAL ELECTRODE
CERAMIC INSULATOR
5.8 ± 0.3
(.228 ± .012)
8.4
(.331)
MAX.
8.6
(.339)
MAX.
1.00
(.039)
DIA.
8.4
(.331)
MAX.
5.8 ± 0.3
(.228 ± .012)
2.52 ± 0.20
(.099 ± .008)
0.25 +0.15/-0.05
(.010 +.006/-.002)
0.20
(.008)
APPROX.
ST-0470-BCx
ST-0470-BBx
Test Circuit
C
Uo
RL
Us
DUT
Uo .........620 V
R ...........See Note
C ...........470 nF
L............0.5 µH
DUT ......Device Under Test
Us .........Breakdown Voltages
NOTE: Uo and R are set to provide suitable conditions for
different measurements.


同様の部品番号 - ST-0470-BBB-STD

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
ST-0470-BBB-STD BOURNS-ST-0470-BBB-STD Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
More results

同様の説明 - ST-0470-BBB-STD

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
ST-0470 BOURNS-ST-0470 Datasheet
330Kb / 3P
   ST-0470 Series Sparctube??Switching Spark Gap
ST-0840 BOURNS-ST-0840 Datasheet
334Kb / 3P
   ST-0840 Series Sparctube??Switching Spark Gap
ST-0400-BBB-STD BOURNS-ST-0400-BBB-STD Datasheet
329Kb / 3P
   ST-0400 Series Sparctube??Switching Spark Gap
ST-0350-BBB-STD BOURNS-ST-0350-BBB-STD Datasheet
329Kb / 3P
   ST-0350 Series Sparctube??Switching Spark Gap
ST-0400 BOURNS-ST-0400 Datasheet
329Kb / 3P
   ST-0400 Series Sparctube??Switching Spark Gap
ST-0620 BOURNS-ST-0620 Datasheet
329Kb / 3P
   ST-0620 Series Sparctube??Switching Spark Gap
ST-0600 BOURNS-ST-0600 Datasheet
329Kb / 3P
   ST-0600 Series Sparctube??Switching Spark Gap
ST-0800 BOURNS-ST-0800 Datasheet
335Kb / 3P
   ST-0800 Series Sparctube??Switching Spark Gap
ST-0600 BOURNS-ST-0600_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0800 BOURNS-ST-0800_16 Datasheet
360Kb / 3P
   Sparctube Switching Spark Gap
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com