データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS76130DBVT データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS76130DBVT
部品情報  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS76130DBVT データシート(HTML) 7 Page - Texas Instruments

Back Button TPS76130DBVT Datasheet HTML 3Page - Texas Instruments TPS76130DBVT Datasheet HTML 4Page - Texas Instruments TPS76130DBVT Datasheet HTML 5Page - Texas Instruments TPS76130DBVT Datasheet HTML 6Page - Texas Instruments TPS76130DBVT Datasheet HTML 7Page - Texas Instruments TPS76130DBVT Datasheet HTML 8Page - Texas Instruments TPS76130DBVT Datasheet HTML 9Page - Texas Instruments TPS76130DBVT Datasheet HTML 10Page - Texas Instruments TPS76130DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
TA – Free-Air Temperature – °C
TPS76150
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
102
101
–40
0
–20
20
140
104
–60
40
60
103
VI = 6 V
CI = CO = 4.7 µF
80
100
IL = 100 mA
IL = 1 mA
IL = 50 mA
120
Figure 10
f – Frequency – Hz
103
104
105
102
CL = 10 µF
IL = 1 mA
CL = 10 µF
IL = 100 mA
CL = 2.2 µF
IL = 1 mA
CL = 2.2 µF
IL = 100 mA
OUTPUT NOISE
vs
FREQUENCY
10–8
10–7
10–6
10–5
Figure 11
102
103
106
102
101
104
10–1
f – Frequency – Hz
105
OUTPUT IMPEDANCE
vs
FREQUENCY
101
100
10–2
103
CL = 10 µF
IL = 1 mA
CL = 2.2 µF
IL = 1 mA
CL = 2.2 µF
IL = 50 mA
CL = 2.2 µF
IL = 100 mA
CL = 10 µF
IL = 50 mA
CL = 10 µF
IL = 100 mA
Figure 12
TA – Free-Air Temperature – °C
100
0
–40
0
150
50
–20
20
140
300
–60
40
60
200
250
80 100
TPS76130
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VI = EN = 2.9 V
CI = CO = 4.7 µF
120
IL = 50 mA
IL = 0 mA
IL = 1 mA
IL = 100 mA


同様の部品番号 - TPS76130DBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76130DBVT TI-TPS76130DBVT Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130DBVT TI-TPS76130DBVT Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130DBVTG4 TI-TPS76130DBVTG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

同様の説明 - TPS76130DBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com