データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TS5A3160DBVTE4 データシート(Datasheet) 11 Page - Texas Instruments

部品番号. TS5A3160DBVTE4
部品情報  5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
ダウンロード  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

 11 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
V+ = 1.8 V
VCOM (V)
V+ = 2.5 V
V+ = 3.3 V
V+ = 5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCOM V
855C
255C
–405C
TS5A3160
www.ti.com
SCDS216C – OCTOBER 2005 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY
(1)
(continued)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
1.8 V
6
13
24
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 50 Ω,
See Figure 17
Full
5
27
2.7 V
25°C
1.8 V
6
15
27
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 50 Ω,
See Figure 17
Full
5
30
2.7 V
25°C
1.8 V
2
7
12
Make-before-
VCOM = V+,
CL = 35 pF,
tMBB
ns
2.3 V to
break time
RL = 50 Ω,
See Figure 18
Full
2
15
2.7 V
Charge
VGEN = 0,
CL = 1 nF,
QC
25°C
1.8 V
5.5
pC
injection
RGEN = 0,
See Figure 22
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
OFF
See Figure 16
25°C
1.8 V
18
pF
CNO(OFF)
Switch OFF,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
ON
See Figure 16
25°C
1.8 V
55
pF
CNO(ON)
Switch ON,
capacitance
COM
VCOM = V+ or GND,
ON
CCOM(ON)
See Figure 16
25°C
1.8 V
55
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
1.8 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 19
25°C
1.8 V
105
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 20
25°C
1.8 V
–64
dB
f = 10 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 20
25°C
1.8 V
–64
dB
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
1.8 V
0.06
%
distortion
CL = 50 pF,
See Figure 23
Supply
25°C
5
15
Positive supply
I+
VI = V+ or GND
1.95 V
nA
current
Full
50
TYPICAL PERFORMANCE
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3.3 V)
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS5A3160




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl