データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68C429A データシート(PDF) 11 Page - ATMEL Corporation

部品番号 TS68C429A
部品情報  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429A データシート(HTML) 11 Page - ATMEL Corporation

Back Button TS68C429A Datasheet HTML 7Page - ATMEL Corporation TS68C429A Datasheet HTML 8Page - ATMEL Corporation TS68C429A Datasheet HTML 9Page - ATMEL Corporation TS68C429A Datasheet HTML 10Page - ATMEL Corporation TS68C429A Datasheet HTML 11Page - ATMEL Corporation TS68C429A Datasheet HTML 12Page - ATMEL Corporation TS68C429A Datasheet HTML 13Page - ATMEL Corporation TS68C429A Datasheet HTML 14Page - ATMEL Corporation TS68C429A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
TS68C429A
2120A–HIREL–08/02
Clock Timing
Note:
1. t
cyc A ≥ 4 x tcyc S.
AC Electrical
Characteristics
With V
CC = 5 VDC ± 10% VSS = 0 VDC.
IEIxx, IEOxx, IACKxx, must be understood as generic signals (xx = RX and TX).
Figure 4. Read Cycle
Notes:
1. LDS/UDS can be asserted on the next or previous CLK-SYS period after CS goes low but (4) must be met for the next
period.
2. The cycle ends when the first of CS, LDS/UDS goes high.
Table 6. Clock System (CLK SYS)
Symbol
Parameter
Min
Max
Unit
t
cyc S
Clock Period
50
2000
ns
t
CLS, tCHS
Clock Pulse Width
20
ns
t
crS, tcfS
Rise and Fall Times
5
ns
Table 7. Clock ARINC (CLK ARINC)
Symbol
Parameter
Min
Max
Unit
t
cyc ACycle Time
(1)
200
8000
ns
t
CLA, tCHA
Clock Pulse Width
240
ns
t
crA, tcfA
Rise and Fall Times
5
ns


同様の部品番号 - TS68C429A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS68C429A ETC2-TS68C429A Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results

同様の説明 - TS68C429A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com