データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA5406 データシート(PDF) 6 Page - Rohm

部品番号 BA5406
部品情報  Stereo Speaker Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA5406 データシート(HTML) 6 Page - Rohm

Back Button BA5406 Datasheet HTML 2Page - Rohm BA5406 Datasheet HTML 3Page - Rohm BA5406 Datasheet HTML 4Page - Rohm BA5406 Datasheet HTML 5Page - Rohm BA5406 Datasheet HTML 6Page - Rohm BA5406 Datasheet HTML 7Page - Rohm BA5406 Datasheet HTML 8Page - Rohm BA5406 Datasheet HTML 9Page - Rohm BA5406 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical Note
6/10
www.rohm.com
2013.11 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
BA5406,BA5417
Fig.11Crosstalk vs frequency
BA5406
BA5406
Fig.13 Distortion vs Output power
BA5406
Fig.14 Output power
vs power supply voltage
BA5406
Fig.15 Power dissipation
vs Output power(1)
BA5406
BA5406
Fig.16 Power dissipation
vs Output power(2)
BA5406
Fig.19 Ripple rejection ratio
vs Supply voltage
BA5406
Fig. 17 Power dissipation
vs Output power(3)
Fig.18 Maximum power dissipation
vs Supply voltage
BA5406
Fig.8 Thermal derating curve
with heat sink
without heat sink
PCB installed
BA5406
Fig.9 Quiescent current and voltage gain
vs Supply voltage
BA5406
Fig.10 Voltage gain vs frequency
BA5406
Reference data
Fig.12 Distortion vs power supply voltage


同様の部品番号 - BA5406

メーカー部品番号データシート部品情報
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
   12V / 5W dual power amplifier
BA5406 ROHM-BA5406 Datasheet
160Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
636Kb / 11P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
156Kb / 7P
   High-output dual power amplifier
More results

同様の説明 - BA5406

メーカー部品番号データシート部品情報
logo
Rohm
BA5406 ROHM-BA5406_1 Datasheet
160Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417_1 Datasheet
229Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406_10 Datasheet
636Kb / 11P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406_05 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Maxim Integrated Produc...
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com