データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68C429AVF データシート(PDF) 8 Page - ATMEL Corporation

部品番号 TS68C429AVF
部品情報  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AVF データシート(HTML) 8 Page - ATMEL Corporation

Back Button TS68C429AVF Datasheet HTML 4Page - ATMEL Corporation TS68C429AVF Datasheet HTML 5Page - ATMEL Corporation TS68C429AVF Datasheet HTML 6Page - ATMEL Corporation TS68C429AVF Datasheet HTML 7Page - ATMEL Corporation TS68C429AVF Datasheet HTML 8Page - ATMEL Corporation TS68C429AVF Datasheet HTML 9Page - ATMEL Corporation TS68C429AVF Datasheet HTML 10Page - ATMEL Corporation TS68C429AVF Datasheet HTML 11Page - ATMEL Corporation TS68C429AVF Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
TS68C429A
2120A–HIREL–08/02
This device contains protective circuitry against damage due to high static voltages or
electrical fields: however, it is advised that normal precautions be taken to avoid applica-
tion of any voltages higher than maximum-rated voltages to this high-impedance circuit.
Reliability of operation is enhanced if unused inputs are tied to an appropriate logic volt-
age level (e.g., either GND or VCC).
Figure 3. Clock Input Timing Diagram
Note:
Timing measurements are referenced to and from a low of 0.8-volt and a high voltage of
2.25 volts, unless otherwise noted. The voltage swing through this range should start
outside and pass through the range such that the rise or fall will be linear between
0.8-volt and 2.25 volts.
Unless otherwise stated, all voltages are referenced to the reference terminal.
Table 2. Recommended Condition of Use
Symbol
Parameter
Test conditions
Min
Max
Units
VCC
Supply Voltage
4.5
5.5
V
V
IL
Low Level Input Voltage
-0.5
0.8
V
V
IH
High Level Input Voltage
2.25
5.8
V
Tcase
Operating Temperature
M suffix
-55
+125
°C
V suffix
-40
+85
°C
C
L
Output Loading Capacitance
130
pF
t
r(c)
Clock Rise Time (See Figure 3)
5
ns
t
f(c)
Clock Fall Time (See Figure 3)
5
ns
f
c
Clock System Frequency
(See Figure 3)
0.5
20
MHz
Table 3. Thermal Characteristics
Package
Symbol
Parameter
Value
Unit
PGA 68
θ
J-A
Thermal Resistance Junction-to-ambient
28
°C/W
θ
J-C
Thermal Resistance Junction-to-case
2
°C/W
CQFP 132
θ
J-A
Thermal Resistance Junction-to-ambient
27
°C/W
θ
J-C
Thermal Resistance Junction-to-case
3
°C/W
0.8V
2.25V
tcyc
tCL
tCH
tCF
tCR


同様の部品番号 - TS68C429AVF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS68C429A ETC2-TS68C429A Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results

同様の説明 - TS68C429AVF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com