データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C452 データシート(PDF) 8 Page - Exar Corporation

部品番号 ST16C452
部品情報  DUAL UART WITH PARALLEL PRINTER PORT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C452 データシート(HTML) 8 Page - Exar Corporation

Back Button ST16C452 Datasheet HTML 4Page - Exar Corporation ST16C452 Datasheet HTML 5Page - Exar Corporation ST16C452 Datasheet HTML 6Page - Exar Corporation ST16C452 Datasheet HTML 7Page - Exar Corporation ST16C452 Datasheet HTML 8Page - Exar Corporation ST16C452 Datasheet HTML 9Page - Exar Corporation ST16C452 Datasheet HTML 10Page - Exar Corporation ST16C452 Datasheet HTML 11Page - Exar Corporation ST16C452 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
ST16C452/452PS
Rev. 3.20
GENERAL DESCRIPTION
The 452/452PS provides serial asynchronous receive
data synchronization, parallel-to-serial and serial-to-
parallel data conversions for both the transmitter and
receiver sections. These functions are necessary for
converting the serial data stream into parallel data that
is required with digital data systems. Synchronization
for the serial data stream is accomplished by adding
start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integ-
rity is insured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for
any transmission bit errors. The electronic circuitry to
provide all these functions is fairly complex especially
when manufactured on a single integrated silicon
chip. The 452/452PS represents such an integration
with greatly enhanced features. The 452/452PS is
fabricated with an advanced CMOS process.
The 452/452PS combines the package functions of a
dual UART and a printer interface on a single inte-
grated chip. The 452/452PS UART is indented to be
software compatible with the ST16C450, and
NS16C450 while the bi-directional printer interface
mode is intended to operate with a CENTRONICS
type parallel printer. However, the printer interface is
designed such that it may be configured to operate
with other parallel printer interfaces or used as a
general purpose parallel interface. The 452 is avail-
able in two versions, the ST16C452 and the
ST16C452PS. The ST16C452 provides single hard-
ware pin to control the printer port data direction while
the 452PS provides an additionally software control
bit to control the printer port data direction to become
compatible PS/2 operating system.
The 452/452PS is capable of operation to 1.5Mbps
with a 24 MHz external clock input. With an external
clock input of 1.8432 MHz the user can select data
rates up to 115.2 Kbps.
FUNCTIONAL DESCRIPTIONS
Functional Modes
Two functional user modes are selectable for the 452/
452PS package. The first of these provides the dual
UART functions, while the other provides the func-
tions of a parallel printer interface. These features are
available through selection at the package interface
select pins.
UART A-B Functions
The UART mode provides the user with the capability
to transfer information between an external CPU and
the 452/452PS package. A logic 0 on chip select pins
-CSA or -CSB allows the user to configure, send data,
and/or receive data via the UART channels A-B.
Printer Port Functions
The Printer mode provides the user with the capability
to transfer information between an external CPU and
the 452/452PS parallel printer port. A logic 0 on chip
select pin -CSP allows the user to configure, send
data, and/or receive data via the bi-directional parallel
8-bit data bus, PD0-PD7.
Internal Registers
The 452/452PS provides 11 internal registers for
monitoring and control of the UART functions and
another 6 registers for monitoring and controlling the
printer port. These resisters are shown in Table 4
below. The UART registers function as data holding
registers (THR/RHR), interrupt status and control
registers (IER/ISR), line status and control registers
(LCR/LSR), modem status and control registers
(MCR/MSR), programmable data rate (clock) control
registers (DLL/DLM), and a user assessable
scratchpad register (SPR). The printer port registers
functions data holding registers (PR), I/O status regis-
ter (SR), I/O select register (IOSEL), and a command
and control register (COM/CON). Register functions
are more fully described in the following paragraphs.


同様の部品番号 - ST16C452

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68PS EXAR-ST16C452CJ68PS Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452IJ68 EXAR-ST16C452IJ68 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452IJ68PS EXAR-ST16C452IJ68PS Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

同様の説明 - ST16C452

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Texas Instruments
TL16PIR552 TI-TL16PIR552 Datasheet
699Kb / 52P
[Old version datasheet]   DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com