データシートサーチシステム |
|
ST16C452 データシート(PDF) 9 Page - Exar Corporation |
|
ST16C452 データシート(HTML) 9 Page - Exar Corporation |
9 / 30 page 9 ST16C452/452PS Rev. 3.20 Table 4, INTERNAL REGISTER DECODE A2 A1 A0 READMODE WRITE MODE General Register Set (THR/RHR, IER/ISR, MCR/MSR, LCR/LSR, SPR): Note 1* 0 0 0 Receive Holding Register Transmit Holding Register 0 0 1 Interrupt Enable Register 0 1 0 Interrupt Status Register 0 1 1 Line Control Register 1 0 0 Modem Control Register 1 0 1 Line Status Register 1 1 0 Modem Status Register 1 1 1 Scratchpad Register Scratchpad Register Baud Rate Register Set (DLL/DLM): Note *2 0 0 0 LSB of Divisor Latch LSB of Divisor Latch 0 0 1 MSB of Divisor Latch MSB of Divisor Latch Printer Port Set (PR/SR/IOSEL/COM/CON): Note *3 X 0 0 PORT REGISTER PORT REGISTER X 0 1 STATUS REGISTER I/O SELECT REGISTER X 1 0 COMMAND REGISTER CONTROL REGISTER Note 1* The General Register set is accessible only when CS A or CS B is a logic 0. Note 2* The Baud Rate register set is accessible only when CS A or CS B is a logic 0 and LCR bit-7 is a logic 1. Note 3*: Printer Port Register set is accessible only when -CSP is a logic 0 in conjunction with the states of the interface signal BIDEN and Printer Control Register bit-5 or IOSEL register. Programmable Baud Rate Generator The 452/452PS supports high speed modem technolo- gies that have increased input data rates by employing data compression schemes. For example a 33.6Kbps modem that employs data compression may require a 115.2Kbps input data rate. A 128.0Kbps ISDN modem that supports data compression may need an input data rate of 460.8Kbps. The 452/452PS can support a standard data rate of 921.6Kbps. Single baud rate generator is provided for the transmitter and receiver, allowing independent TX/RX channel con- trol. The programmable Baud Rate Generator is capable of accepting an input clock up to 24 MHz, as required for supporting a 1.5Mbps data rate. The 452/452PS requires that an external clock source be connected to the CLK input pin to clock the internal baud rate generator for standard or custom rates. (see Baud Rate Generator Programming below). |
同様の部品番号 - ST16C452 |
|
同様の説明 - ST16C452 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |