データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC3332T-AA データシート(PDF) 1 Page - ON Semiconductor

部品番号 2SC3332T-AA
部品情報  Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3332T-AA データシート(HTML) 1 Page - ON Semiconductor

  2SC3332T-AA Datasheet HTML 1Page - ON Semiconductor 2SC3332T-AA Datasheet HTML 2Page - ON Semiconductor 2SC3332T-AA Datasheet HTML 3Page - ON Semiconductor 2SC3332T-AA Datasheet HTML 4Page - ON Semiconductor 2SC3332T-AA Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D1813 TKIM TC-00003081/91912 TKIM/83002TN (KT)/71598HA (KT)/3207KI/N257KI/3135KI/O183KI, TS No.1334-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
December, 2013
2SC3332
Bipolar Transistor
160V, 0.7A, Low VCE(sat) NPN Single NP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Hgih breakdown voltage
Excellent hFE linearity
Wide SOA and highly resistant to breakdown
Adoption of MBIT process
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
180
V
Collector to Emitter Voltage
VCEO
160
V
Emitter to Base Voltage
VEBO
6V
Collector Current
IC
0.7
A
Collector Current (Pulse)
ICP
1.5
A
Collector Dissipation
PC
700
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7522-002
Ordering number : EN1334F
12 3
5.0
4.0
4.0
0.45
0.45
0.44
0.5
1.3
1.3
1 : Emitter
2 : Collector
3 : Base
NP
2SC3332S
2SC3332T
2SC3332S-AA
2SC3332T-AA
Product & Package Information
• Package
: NP
• JEITA, JEDEC
: SC-34A, TO-92, TO-226AA, SOT-54
• Minimum Packing Quantity : 1,500 pcs./box, 500pcs./bag
Marking
Electrical Connection
2
1
3


同様の部品番号 - 2SC3332T-AA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SC3332T-AA ONSEMI-2SC3332T-AA Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T-AA ONSEMI-2SC3332T-AA Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
More results

同様の説明 - 2SC3332T-AA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
2SA1770 ONSEMI-2SA1770 Datasheet
609Kb / 7P
   Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com