データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68020VF120 データシート(PDF) 10 Page - ATMEL Corporation

部品番号 TS68020VF120
部品情報  HCMOS 32-bit Virtual Memory Microprocessor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68020VF120 データシート(HTML) 10 Page - ATMEL Corporation

Back Button TS68020VF120 Datasheet HTML 6Page - ATMEL Corporation TS68020VF120 Datasheet HTML 7Page - ATMEL Corporation TS68020VF120 Datasheet HTML 8Page - ATMEL Corporation TS68020VF120 Datasheet HTML 9Page - ATMEL Corporation TS68020VF120 Datasheet HTML 10Page - ATMEL Corporation TS68020VF120 Datasheet HTML 11Page - ATMEL Corporation TS68020VF120 Datasheet HTML 12Page - ATMEL Corporation TS68020VF120 Datasheet HTML 13Page - ATMEL Corporation TS68020VF120 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
TS68020
2115A–HIREL–07/02
For dynamic characteristics (Table 6), test methods refer to IEC 748-2 method, where
existing.
Indication of “min.” or “max.” in the column “test temperature” means minimum or maxi-
mum operating temperature.
.
Table 5. Static Characteristics. VCC =5.0VDC ± 10%; GND = 0VDC;Tc = -55/+125°Cor-40/+85°C (Figure 4 to Figure 8)
Symbol
Parameter
Condition
Min
Max
Units
I
CC
Maximum Supply Current
V
CC =5.5V
T
case -55°Cto +25°C
333
mA
I
CC
Maximum Supply Current
V
CC =5.5V
T
case =125°C
207
mA
V
IH
High Level Input Voltage
V
O = 0.5V or 2.5
V
CC = 4.5V to 5.5V
2.0
V
CC
V
V
IL
Low Level Input Voltage
V
O = 0.5V or 2.4V
V
CC = 4.5V to 5.5V
-0.5
0.8
V
V
OH
High Level Output Voltage
All Outputs
I
OH = 400 µA
2.4
V
V
OL
Low Level Output Voltage
Outputs A0-A31, FC0-FC2, D0-D31, SIZ0-SIZ1, BG
I
OL =3.2 mA
Load Circuit as
Figure 8
R= 1.22 k
0.5
V
V
OL
Low Level Output Voltage
Outputs AS,DS,RMC,R/W, DBEN, IPEND
I
OL =5.3 mA
Load Circuit as
Figure 8
R= 740
0.5
V
V
OL
Low Level Output Voltage
Outputs ECS,OCS
I
OL =2.0 mA
Load Circuit as
Figure 8
R= 2k
0.5
V
VOL
Low Level Output Voltage
Outputs HALT, RESET
IOL = 10.7 mA
Load Circuit as Figure 6
and Figure 7
0.5
V
|IIN |
Input Leakage Current (High and Low State)
-0.5V
≤ V
IN ≤ VCC (Max)
2.5
µA
|I
OHZ |
High level leakage current at three-state outputs
Outputs A0-A31, AS, DBEN,DS, D0-D31, R/W, FC0-FC2,
RMC,SIZ0-SIZ1
V
OH =2.4V
2.5
µA
|I
OLZ |
Low Level Leakage Current at Three-state Outputs
Outputs A0-A31, AS, DBEN,DS,D0-D31 R/W, FC0-FC2, RMC,
SIZ0-SIZ1
V
OL = 0.5V
2.5
µA
IOS
Output Short-circuit Current
(Any Output)
VCC =5.5V
V
O =0V
(Pulsed. Duration 1 ms
Duty Cycle 10:1)
200
mA


同様の部品番号 - TS68020VF120

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

同様の説明 - TS68020VF120

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
   16-/32-Bit Virtual Memory Microprocessor
logo
List of Unclassifed Man...
TS68C000 ETC-TS68C000 Datasheet
2Mb / 38P
   LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC001 MOTOROLA-MC68HC001 Datasheet
841Kb / 33P
   Low Power HCMOS 8-/16-/32-Bit Microprocessor
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com