データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP912 データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 TP912
部品情報  Test Tools Catalog Volume one, 2007
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

TP912 データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TP912 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 8Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 9Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 10Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 11Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 12Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 13Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 14Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Digital Multimeters
11
Test faster and safer
with a new Fluke
Move up to more measurement
performance and safety
Get accurate voltage and frequency
measurements on adjustable speed
motor drives with the 87V.
87
Use the built-in data logging fea-
ture of the 189 to record readings
and the time they occurred to catch
intermittent problems.
Move up from your old 87 and benefit from more than a dozen improvements
Function
Original 87
87V
Benefit
Selectable filter for
motor drives
No
Yes
Accurate voltage and frequency
measurements on pulse width
modulated signals
Built-in thermometer
No
Yes
No separate thermometer required
Capacitance
5 nf to 5 µF
5 nf to 10,000 µF
Measure more capacitors
V dc accuracy and
resolution
0.1 %, 10 µV
0.05 %, 10 µV
Precise measurements in a
handheld tool
Display digits
13.5 mm x 7 mm
15.25 mm x 8.5 mm
30 % larger makes it easy to read
Backlight
Green
2-level, bright white
Easier to read in dark locations
Magnetic hanger
No
Optional (included with kit)
Position meter for easy viewing
Peak capture
1 ms
250 µS
Record intermittent problems four
times faster
CAT electrical safety
rating
No
Yes, 2nd edition ANSI and
IEC 61010
Increased protection from 8 kV
spikes that can cause arc flash
Battery door
No
Yes
Change battery quickly without
breaking cal seal
Warranty
Expired
Limited lifetime
Lower cost of ownership
Move up from your old 8060 or 8062 and benefit from more than 20 improvements
Function
8060
189
Benefit
Built-in recorder with
time stamp
No
Yes
Record and view intermittent
problems without a chart recorder
PC interface
No
Yes, software optional
Transfer readings to a PC for
analysis and documentation
Built-in thermometer
No
Yes, probe optional
No need to carry a separate
thermometer
Capacitance
No
5 nf to 50,000 µF
Measure capacitors with one tool
V dc and V ac
resolution
10 µV
1 µV
Precise measurements in a
handheld tool
dBv and dBm
Yes
Yes
Measure communication circuits
Duty cycle and pulse
width
No
Yes
Measure control circuits
In-line current
2 A
10 A, 1000 V fuse
Safely measure five times more
current
Relative offset
No
Yes
Remove test lead resistance
See small signal variations
Range selection
Manual, 8 switches
Auto/Manual range
Simpler to use, more durable
Peak capture,
MIN/MAX
No
250 µS
Record intermittent problems
Backlight
No
2-level, bright white
Easier to read in dark locations
Holster
No
Integrated overmold
Stands up to accidental drops
Magnetic hanger
No
optional TPAK
Position meter for easy viewing
CAT electrical
safety rating
No
Yes, 2nd edition
ANSI and IEC
Increased protection from 8 kV
spikes that can cause arc flash
Battery door
No
Yes
Change battery quickly without
breaking cal seal
Warranty
Expired
Limited lifetime
Lower cost of ownership
Move up from your old 70 or 20 series and benefit from more than 15 improvements
Feature
Original 77
179
Benefit
True-rms
No
Yes
Accurate on non-linear signals
Accuracy, basic dc
0.3 %
0.09 %
Three times more accurate
Temperature
No
Yes
No need for a separate thermometer
Min/Max/Average
No
Yes
Capture intermittent problems
Display size
Small
20 % larger
Large, easy to read
Display backlight
No
Yes
Easy to read in dark locations
Simple to use
Yes
Yes
No retraining required
Probe holders
Yes
Improved
One-hand operation
Latest electrical measure-
ment safety standards
Not rated
1000 V CAT III,
600 V CAT IV
Designed to withstand 8,000 volt peak transient
impulses and protect against arc flash
Optional magnetic hanger
No
Yes
Position meter in best location
Warranty
Expired
Limited lifetime
Lower cost of ownership
Frequency
No
Yes
Built in frequency counter
Capacitance
No
Yes
Measure motor capacitors and components
Max. ac voltage
750
1000
Wider measurement range
Battery door
No
Yes
Change battery quickly without breaking cal seal
87V
8060
189
77
179
The ultimate multi-purpose meter,
the 179 combines precision, safety
and reliability to help you get any
job done.


同様の部品番号 - TP912

メーカー部品番号データシート部品情報
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
   Max. output 36V DC, 2A
20210902-J
logo
Fuji Electric
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C3 FUJI-TP901C3 Datasheet
100Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C3 FUJI-TP902C3 Datasheet
91Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results

同様の説明 - TP912

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CNX3000 ETC-CNX3000 Datasheet
2Mb / 7P
   Fluke CNX3000 Series Test Tools
PMODBB ETC1-PMODBB Datasheet
78Kb / 1P
   COPURIGHT 2007 DIGILENT INC.
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
[Old version datasheet]   Controlled Baseline One Assembly/Test Site, One Fabrication Site
logo
Pomona Electronics
3780 POMONA-3780 Datasheet
23Kb / 1P
   Minigrabber Test Clip, One End Only
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com