データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6004D3 データシート(PDF) 8 Page - Littelfuse

部品番号 L6004D3
部品情報  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6004D3 データシート(HTML) 8 Page - Littelfuse

Back Button L6004D3 Datasheet HTML 2Page - Littelfuse L6004D3 Datasheet HTML 3Page - Littelfuse L6004D3 Datasheet HTML 4Page - Littelfuse L6004D3 Datasheet HTML 5Page - Littelfuse L6004D3 Datasheet HTML 6Page - Littelfuse L6004D3 Datasheet HTML 7Page - Littelfuse L6004D3 Datasheet HTML 8Page - Littelfuse L6004D3 Datasheet HTML 9Page - Littelfuse L6004D3 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
58
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Dimensions — TO-251AA (V-Package) — V-PAK Through Hole
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.044
0.050
1.02
1.11
1.27
B
0.235
0.242
0.245
5.97
6.15
6.22
C
0.350
0.361
0.375
8.89
9.18
9.53
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.66
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
G
0.087
0.090
0.093
2.21
2.28
2.36
H
0.085
0.092
0.095
2.16
2.34
2.41
I
0.176
0.180
0.184
4.47
4.57
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
K
0.038
0.040
0.044
0.97
1.01
1.12
L
0.018
0.020
0.023
0.46
0.52
0.58
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
R
0.034
0.039
0.044
0.86
1.00
1.11
S
0.074
0.079
0.084
1.86
2.00
2.11
AREA: 0.040 IN2
T
C MEASURING POINT
GATE
G
I
E
D
A
B
C
F
J
H
K
L
5.28
.208
5.34
.210
MT2
MT1
MT2
P
Q
R
S
Dimensions — TO-252AA (D-Package) — D-PAK Surface Mount
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.043
0.050
1.02
1.09
1.27
B
0.235
0.243
0.245
5.97
6.16
6.22
C
0.106
0.108
0.113
2.69
2.74
2.87
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.65
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
G
0.087
0.090
0.093
2.21
2.28
2.36
H
0.085
0.092
0.095
2.16
2.33
2.41
I
0.176
0.179
0.184
4.47
4.55
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
K
0.038
0.040
0.044
0.97
1.02
1.12
L
0.018
0.020
0.023
0.46
0.51
0.58
M
0.000
0.000
0.004
0.00
0.00
0.10
N
0.021
0.026
0.027
0.53
0.67
0.69
O
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
M
O
N
H
J
L
K
.118
3
.063
1.60
.071
1.80
.264
6.71
.264
6.71
.181
4.60
GATE
MT2
MT1
MT2
T
C MEASURING POINT
G
I
D
E
A
B
C
F
5.28
.208
5.34
.210
: 0.040 IN2
AREA
P
Q


同様の部品番号 - L6004D3

メーカー部品番号データシート部品情報
logo
Teccor Electronics
L6004D3 TECCOR-L6004D3 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6004D3 LITTELFUSE-L6004D3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6004D3 TECCOR-L6004D3 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004D3 LITTELFUSE-L6004D3 Datasheet
176Kb / 8P
   Sensitive Triacs
L6004D3 LITTELFUSE-L6004D3 Datasheet
176Kb / 8P
   RoHS Compliant
More results

同様の説明 - L6004D3

メーカー部品番号データシート部品情報
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com