データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6004V3 データシート(PDF) 9 Page - Littelfuse

部品番号 L6004V3
部品情報  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6004V3 データシート(HTML) 9 Page - Littelfuse

Back Button L6004V3 Datasheet HTML 2Page - Littelfuse L6004V3 Datasheet HTML 3Page - Littelfuse L6004V3 Datasheet HTML 4Page - Littelfuse L6004V3 Datasheet HTML 5Page - Littelfuse L6004V3 Datasheet HTML 6Page - Littelfuse L6004V3 Datasheet HTML 7Page - Littelfuse L6004V3 Datasheet HTML 8Page - Littelfuse L6004V3 Datasheet HTML 9Page - Littelfuse L6004V3 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
59
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
L/Q004L/Ry/TP
L/Qxx04L/Ry
2.2 g
Bulk
500
L/Qxx04LyTP
L/Qxx04Ly
2.2 g
Tube
500 (50 per tube)
L/Qxx04DyRP
L/Qxx04Dy
0.3 g
Embossed Carrier
2500
L/Qxx04DyTP
L/Qxx04Dy
0.3 g
Tube Pack
750 (75 per tube)
L/Qxx04VyTP
L/Qxx04Vy
0.4 g
Tube Pack
750 (75 per tube)
Note: xx = Voltage; y = Sensitivity
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
Type
Package
400V
600V
800V
1000V
I – II – III
IV
Lxx04L3
X
X
3 mA
3 mA
Sensitive Triac
TO-220L
Lxx04D3
X
X
3 mA
3 mA
Sensitive Triac
TO-252 D-PAK
Lxx04R3
X
X
3mA
3mA
Sensitive Triac
TO-220R
Lxx04V3
X
X
3 mA
3 mA
Sensitive Triac
TO-251 V-PAK
Lxx04L5
X
X
5 mA
5 mA
Sensitive Triac
TO-220L
Lxx04D5
X
X
5 mA
5 mA
Sensitive Triac
TO-252 D-PAK
Lxx04R5
X
X
5mA
5mA
Sensitive Triac
TO-220R
Lxx04V5
X
X
5 mA
5 mA
Sensitive Triac
TO-251 V-PAK
Lxx04L6
X
X
5 mA
10 mA
Sensitive Triac
TO-220L
Lxx04D6
X
X
5 mA
10 mA
Sensitive Triac
TO-252 D-PAK
Lxx04R6
X
X
5mA
10mA
Sensitive Triac
TO-220R
Lxx04V6
X
X
5 mA
10 mA
Sensitive Triac
TO-251 V-PAK
Lxx04L8
X
X
10 mA
20 mA
Sensitive Triac
TO-220L
Lxx04D8
X
X
10 mA
20 mA
Sensitive Triac
TO-252 D-PAK
Lxx04R8
X
X
10mA
20mA
Sensitive Triac
TO-220R
Lxx04V8
X
X
10 mA
20 mA
Sensitive Triac
TO-251 V-PAK
Qxx04L3
X
X
10 mA
Standard Triac
TO-220L
Qxx04D3
X
X
10 mA
Standard Triac
TO-252 D-PAK
Qxx04V3
X
X
10 mA
Standard Triac
TO-251 V-PAK
Qxx04R3
X
X
10mA
Standard Triac
TO-220R
Qxx04L4
X
X
X
X
25 mA
Standard Triac
TO-220L
Qxx04D4
X
X
X
X
25 mA
Standard Triac
TO-252 D-PAK
Qxx04R4
X
X
X
X
25mA
Standard Triac
TO-220R
Qxx04V4
X
X
X
X
25 mA
Standard Triac
TO-251 V-PAK


同様の部品番号 - L6004V3

メーカー部品番号データシート部品情報
logo
Teccor Electronics
L6004V3 TECCOR-L6004V3 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6004V3 LITTELFUSE-L6004V3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6004V3 TECCOR-L6004V3 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004V3 LITTELFUSE-L6004V3 Datasheet
176Kb / 8P
   Sensitive Triacs
L6004V3 LITTELFUSE-L6004V3 Datasheet
176Kb / 8P
   RoHS Compliant
More results

同様の説明 - L6004V3

メーカー部品番号データシート部品情報
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com