データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP221 データシート(PDF) 2 Page - Analog Devices

部品番号 OP221
部品情報  Dual Low Power Operational Amplifier, Single or Dual Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP221 データシート(HTML) 2 Page - Analog Devices

  OP221 Datasheet HTML 1Page - Analog Devices OP221 Datasheet HTML 2Page - Analog Devices OP221 Datasheet HTML 3Page - Analog Devices OP221 Datasheet HTML 4Page - Analog Devices OP221 Datasheet HTML 5Page - Analog Devices OP221 Datasheet HTML 6Page - Analog Devices OP221 Datasheet HTML 7Page - Analog Devices OP221 Datasheet HTML 8Page - Analog Devices OP221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
OP221–SPECIFICATIONS
OP221G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
250
500
mV
Input Offset Current
Ios
VCM = 0
1.5
7
nA
Input Bias Current
IB
VCM = 0
70
120
nA
Input Voltage Range
IVR
V+ = 5 V, V– = 0 V
1
0/3.5
V
VS =
±15 V
–15/13.5
Common-Mode
CMRR
V+ = –5 V, V– = 0 V
Rejection Ratio
0 V
£ VCM £ 3.5 V
75
85
VS =
±15 V
dB
–15 V
£ VCM £ 13.5 V
80
90
Power Supply
PSRR
VS =
±2.5 V to ± 15 V
32
100
mV/V
Rejection Ratio
V– = 0 V, V+ = 5 V to 30 V
57
180
Large-Signal
Avo
VS =
±15 V, RL = 10 kW
Voltage Gain
VO =
±10 V
800
V/mV
Output Voltage
VO
V+ = 5 V, V– = 0 V
0.8/4
V
Swing
RL = 10 k
W
VS = 15 V, RL = 10 k
W±13.5
Slew Rate
SR
RL = 10 k
W2
0.2
0.3
V/
mS
Bandwidth
BW
600
kHz
Supply Current
ISY
VS =
±2.5 V, No Load
550
650
mA
(Both Amplifiers)
VS =
±15 V, No Load
850
900
(Electrical Characteristics at Vs =
2.5 V to
15 V, TA = 25 C, unless otherwise noted.)


同様の部品番号 - OP221

メーカー部品番号データシート部品情報
logo
Analog Devices
OP221 AD-OP221 Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221 AD-OP221 Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221 Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221 Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221AZ AD-OP221AZ Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
More results

同様の説明 - OP221

メーカー部品番号データシート部品情報
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221_15 Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
OP221 AD-OP221 Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GJ AD-OP221GJ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
   LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-421 AD-OP-421_15 Datasheet
267Kb / 6P
   QUAD LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
   SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12