データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK-070R データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 STK-070R
部品情報  STK-070R Rev A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

STK-070R データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  STK-070R Datasheet HTML 1Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 2Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 3Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 4Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 5Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 6Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 7Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 8Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STK-070R Rev A
Datasheet 1.1 - 0612
General Specification
ITEM
STANDARD VALUE
UNIT
Pixels (Resolution)
800 X 480
dots
Outline dimension
164.9(H) x 100(V) x TBD(D)
mm
Active area
154.8(H) x 85.92(V)
mm
Pixel Size
0.1929 x 0.179
mm
Luminance
350 Typ.
Cd/m2
Operation Temp.
70 - 20
C
View Angle
12 O’Clock
Display Mode
TM, NW
Backlight
24 White LED
Backlight Control
PWM
Data Flash
64 Megabit
Interface
USB / RS232 / UART
Electrical Characteristic
Recommended Operating Conditions
5V
5V Recommended
5V Curren
t
TBD Min
DC Characteristics
V core Supply Current
22mA @1.2V
V input Low Level
-0.3 to 0.8V
V input High Level
2V to (Vcc + 0.3V )
Pull Up Resistors
70K to 175KOhms
IO Output Current
8mA
Static Current Excluding Power on
Reset V core = 1.2V
600uA
Static Current Logic cells consumption,
including Power on Reset and all input
drivers V core = 1.2V
30uA


同様の部品番号 - STK-070R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK-075 ETC-STK-075 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
STK-075G ETC-STK-075G Datasheet
131Kb / 1P
   THICK FILM HYBRID IC
STK-077 ETC-STK-077 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
STK-077G ETC-STK-077G Datasheet
131Kb / 1P
   THICK FILM HYBRID IC
STK-078 ETC-STK-078 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
More results

同様の説明 - STK-070R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK405-000A ETC-STK405-000A Datasheet
82Kb / 3P
   STK Audio Power Amplifier
STK4145MK2 ETC-STK4145MK2 Datasheet
127Kb / 4P
   STK Audio Power Amplifier
logo
Microchip Technology
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
   PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
   PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
   PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
logo
List of Unclassifed Man...
LPC4088 ETC2-LPC4088 Datasheet
352Kb / 6P
   OEM Board DS rev A DS
logo
Microchip Technology
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
logo
List of Unclassifed Man...
LPC1788 ETC2-LPC1788 Datasheet
349Kb / 6P
   OEM Board DS rev A DS
logo
Asahi Kasei Microsystem...
AKD4128A-A AKM-AKD4128A-A Datasheet
2Mb / 52P
   AK4128A-A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com