データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2594HVMX-3.3 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM2594HVMX-3.3
部品情報  LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594HVMX-3.3 データシート(HTML) 3 Page - Texas Instruments

  LM2594HVMX-3.3 Datasheet HTML 1Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 2Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 3Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 4Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 5Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 6Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 7Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 8Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LM2594, LM2594HV
www.ti.com
SNVS118C – DECEMBER 1999 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Supply Voltage
LM2594
45V
LM2594HV
60V
ON /OFF Pin Input Voltage
−0.3 ≤ V ≤ +25V
Feedback Pin Voltage
−0.3 ≤ V ≤+25V
Output Voltage to Ground (Steady State)
−1V
Power Dissipation
Internally limited
Storage Temperature Range
−65°C to +150°C
ESD Susceptibility
Human Body Model(3)
2 kV
Lead Temperature
D8 Package
Vapor Phase (60 sec.)
+215°C
Infrared (15 sec.)
+220°C
P Package (Soldering, 10 sec.)
+260°C
Maximum Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Operating Conditions
Temperature Range
−40°C ≤ TJ +125°C
Supply Voltage
LM2594
4.5V to 40V
LM2594HV
4.5V to 60V
LM2594/LM2594HV-3.3 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.VINmax= 40V for the LM2594 and 60V for the LM2594HV.
Symbol
Parameter
Conditions
LM2594/LM2594HV-3.3
Units
(Limits)
Typ(1)
Limit(2)
SYSTEM PARAMETERS(3) Test Circuit Figure 20
VOUT
Output Voltage
4.75V
≤ VIN ≤ VINmax, 0.1A ≤ ILOAD ≤ 0.5A
3.3
V
3.432/3.465
V(min)
3.168/3.135
V(max)
η
Efficiency
VIN = 12V, ILOAD = 0.5A
80
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance. When the LM2594/LM2594HV is used as shown in the Figure 20 test circuit, system
performance will be as shown in system parameters section of Electrical Characteristics.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2594 LM2594HV


同様の部品番号 - LM2594HVMX-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2594HVMX-3.3 TI1-LM2594HVMX-3.3 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3 TI1-LM2594HVMX-3.3 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3 TI1-LM2594HVMX-3.3 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3 TI1-LM2594HVMX-3.3 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
LM2594HVMX-3.3/NOPB TI1-LM2594HVMX-3.3/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

同様の説明 - LM2594HVMX-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597HVM-33 TI-LM2597HVM-33 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com